Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ2000 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAXQ2000
Description  Evaluation Kit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAXQ2000_05 Datasheet HTML 1Page - Maxim Integrated Products MAXQ2000_05 Datasheet HTML 2Page - Maxim Integrated Products MAXQ2000_05 Datasheet HTML 3Page - Maxim Integrated Products MAXQ2000_05 Datasheet HTML 4Page - Maxim Integrated Products MAXQ2000_05 Datasheet HTML 5Page - Maxim Integrated Products MAXQ2000_05 Datasheet HTML 6Page - Maxim Integrated Products MAXQ2000_05 Datasheet HTML 7Page - Maxim Integrated Products MAXQ2000_05 Datasheet HTML 8Page - Maxim Integrated Products MAXQ2000_05 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Internal Power Rails
The MAXQ2000 EV kit board generates three internal
power rails from the DC input power supply (from J1 or
the serial-to-JTAG board). Each of these supplies may
be used to support up to 100mA of additional circuitry
in the prototyping area. (Note: Test point TP1 is board
ground.)
• The adjustable power supply, which can be mea-
sured at test point TP2, provides an adjustable volt-
age between +1.8V and +3.6V. The level of this
supply can be adjusted manually by turning poten-
tiometer R2 with a screwdriver.
• The 3.6V fixed power supply can be measured at
test point TP3. This voltage level can be used for
VDDIO or VLCD, but not VDD.
• The 2.5V fixed power supply can be measured at
test point TP4. This voltage level can be used for
VDDIO, VLCD, or VDD.
Table 1 shows how the jumpers connect the MAXQ2000
power rails to the on-board power supplies.
Using the LCD Display
To use the LCD daughterboard, it should be installed on
the J3 connector of the MAXQ2000 EV kit board. Pin 1
on J3 should line up with pin 1 of the LCD daughter-
board J1 connector. Note that when the LCD daughter-
board is installed correctly, it hangs off the top edge of
the MAXQ2000 EV kit board. When the LCD display is in
use, VLCD should be connected to +3.6V.
The LCD display on the LCD daughterboard is a static,
4-1/2 digit display. Figure 4 shows how the segments
are mapped. If the LCD display is not needed, it can be
removed to free up port pins P0.0–P0.7, P1.0–P1.7,
P2.0–P2.7, and P3.0–P3.7 for other uses.
Additional Hardware Features
Most of the additional hardware on the MAXQ2000 EV
kit board, such as the serial port, the MAX1407, and the
1-Wire interface, can be enabled or disabled by setting
jumpers or DIP switches. Disabling unused hardware
frees up the associated port pins for other uses.
MAXQ2000 Evaluation Kit
4
_____________________________________________________________________
JUMPER
SETTING
EFFECT
JU1
(No jumper)
VDD is floating (drive from bench supply)*
JU1
Pins 1 and 2 connected
VDD is driven by +2.5V fixed supply
JU1
Pins 2 and 3 connected
VDD is driven by adjustable supply*
JU2
(No jumper)
VDDIO is floating (drive from bench supply)
JU2
Pins 1 and 2 connected
VDDIO is driven by +3.6V fixed supply
JU2
Pins 2 and 3 connected
VDDIO is driven by adjustable supply
JU3
(No jumper)
VLCD is floating (drive from bench supply)
JU3
Pins 1 and 2 connected
VLCD is driven by +3.6V fixed supply
JU3
Pins 2 and 3 connected
VLCD is driven by adjustable supply
*
Refer to the MAXQ2000 data sheet for the allowable range of the VDD supply.
Table 1. Power-Supply Jumper Settings


Similar Part No. - MAXQ2000_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000_08 Datasheet
496Kb / 39P
   Low-Power LCD Microcontroller
Rev 10; 7/08
More results

Similar Description - MAXQ2000_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com