Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX98304EVKIT+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX98304EVKIT+
Description  Evaluation Kit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98304EVKIT+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX98304EVKIT+ Datasheet HTML 1Page - Maxim Integrated Products MAX98304EVKIT+ Datasheet HTML 2Page - Maxim Integrated Products MAX98304EVKIT+ Datasheet HTML 3Page - Maxim Integrated Products MAX98304EVKIT+ Datasheet HTML 4Page - Maxim Integrated Products MAX98304EVKIT+ Datasheet HTML 5Page - Maxim Integrated Products MAX98304EVKIT+ Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MAX98304 Evaluation Kit
_______________________________________________________________________________________ 3
*Default position.
*Default position.
Table 2. Shutdown (JU2)
Table 3. Gain Setting (JU3)
Shutdown
JU2 enables or disables the audio speaker amplifier. See
Table 2 for JU2 configuration.
Gain Setting
The EV kit maximum signal gain can be configured to
five different settings. JU3 selects the overall gain for the
EV kit. See Table 3 for JU3 configuration.
Filtered Output
Audio analyzers typically cannot accept pulse-width-
modulated (PWM) signals at their inputs. Therefore, the
EV kit features the option to install a lowpass filter at its
outputs to ease evaluation. OUT+ and OUT- are shorted
to FOUT+ and FOUT-. The trace must be broken at L1
and L2 before installing inductors L1 and L2 (provided
with the EV kit). The filter components (C7–C11, R3, and
R4) are provided with the EV kit and must be installed
prior to operation. Use FOUT+ and FOUT- to connect the
filtered PWM outputs to an audio analyzer. The default
lowpass filter at the EV kit outputs is optimized for an 8I
speaker. Contact the factory for the 4I speaker filter.
The IC can pass CE EN55022B regulations with 60cm
of speaker cable and no filtering. However, ferrite-bead
filters can be used to achieve further attenuation of radi-
ated emissions. To install the ferrite-bead filters, replace
shorting resistors FB1 and FB2 with 0603 or smaller
ferrite beads and install filter capacitors on the C5 and
C6 pads. The speaker wire should be connected to the
FOUT+ and FOUT- pads.
Filterless Output
The EV kit’s filterless outputs (OUT+ and OUT-) can be
connected directly to a speaker load without any filtering.
Use the OUT+ and OUT- test points or the FOUT+ and
FOUT- pads to connect a speaker directly to the IC out-
puts. Inductors L1 and L2 are not installed for maximum
efficiency.
SHUNT
POSITION
SHDN PIN
AMPLIFIER
1-2*
Connected to PVDD
Enabled
2-3
Connected to PGND
Disabled
SHUNT
POSITION
GAIN PIN
MAXIMUM
GAIN (dB)
Open
Not connected
0
1-2
Connected to PVDD
through R1
+3
1-3
Connected to PVDD
+6
1-4
Connected to PGND
through R2
+9
1-5*
Connected to PGND
+12


Similar Part No. - MAX98304EVKIT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98304EVKIT++ MAXIM-MAX98304EVKIT+ Datasheet
600Kb / 6P
   Filterless Operation Passes Radiated Emissions with 60cm of Speaker Cable
19-5609; Rev 0; 10/10
More results

Similar Description - MAX98304EVKIT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com