Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX44009EDT+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX44009EDT+
Description  Industry?셲 Lowest-Power Ambient Light Sensor with ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44009EDT+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX44009EDT+ Datasheet HTML 7Page - Maxim Integrated Products MAX44009EDT+ Datasheet HTML 8Page - Maxim Integrated Products MAX44009EDT+ Datasheet HTML 9Page - Maxim Integrated Products MAX44009EDT+ Datasheet HTML 10Page - Maxim Integrated Products MAX44009EDT+ Datasheet HTML 11Page - Maxim Integrated Products MAX44009EDT+ Datasheet HTML 12Page - Maxim Integrated Products MAX44009EDT+ Datasheet HTML 13Page - Maxim Integrated Products MAX44009EDT+ Datasheet HTML 14Page - Maxim Integrated Products MAX44009EDT+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Industry’s Lowest-Power
Ambient Light Sensor with ADC
11
Applications Information
Auto and Manual Modes
In auto mode configuration (default setting), CDR and
TIM bits are internally generated. The autoranging circuit
uses two different methods to change its sensitivity. For
light intensities greater than 700 lux, a current divider
reduces the photodiode’s current by a factor of 8. The
default, as in the previous example, is a division of 1:
current goes directly into the I-to-F converter. As light
intensity decreases, the autoranging circuit increases
the integration time from 100ms to 200ms to 400ms, or
to 800ms. The combination of the current divider and the
different integration times give the A/D a range 8 times
higher, as well as 8 times lower, than its nominal 16-bit
range. This gives a dynamic range of 22 bits or slightly
over 4,000,000 to 1.
In manual mode, the user has access to 4 bits (CDR and
TIM[2:0]) to override the autoranging circuitry. These
affect the integration time of the A/D and the current
division ratio. See the register description for manual
configuration mode (0x02, bit 6).
Data Format of Lux Reading
The IC has a user-friendly digital output format. It con-
sists of a 4-bit exponent followed by an 8-bit mantissa.
In its highest sensitivity mode, 1 count represents 0.045
lux. The mantissa has a maximum value of 255, and the
exponent has a maximum value of 14. This gives a maxi-
mum range: 255 x 214 = 4,177,920. At 0.045 lux/LSB, the
maximum lux reading is 188,000 lux. Any reading greater
than that (i.e., exponent = 15) is considered to be an
overload. No conversion formulas are needed as in the
case of dual-diode ambient light sensors.
The IC’s output (registers 0x03 and 0x04) comprises a
12-bit result that represents the ambient light expressed
in units of lux.
Here is how lux is calculated:
Lux = (2(exponent) x mantissa) x 0.045
The exponent is a 4-bit number ranging from 0000 to
1110 (zero to 14).
The mantissa is an 8-bit number ranging from 0000 0000
to 1111 1111 (zero to 255).
If the INTE bit = 1 and the ambient light level exceed either threshold limit for a time longer than that specified by the
Threshold Timer register, then the INTS bit is set to 1 and the INT pin is pulled low.
The value in this register sets the time used to control this delay. A value of 0x00 in this register (with INTE bit = 1 in the
Interrupt Enable register) configures the IC to assert the interrupt pin as soon as the light level exceeds either threshold.
Time delay = (128xT7 + 64xT6 + 32xT5 + 16xT4 + 8xT3 + 4xT2 + 2xT1 + T0) x 100ms.
Threshold Timer Register 0x07
The Lower Threshold High-Byte register exponent with the four most significant bits of the mantissa sets the lower trip
level for interrupt functionality. This lower limit is relevant only if the INTE bit in the Interrupt Enable register is set. If the
lux level is below this light level for a time greater than that specified in the Threshold Timer register, the INTS bit in the
Interrupt Status register is set and the INT pin is pulled low.
Mantissa (LM[7:4]): Four most significant bits of mantissa lower threshold
Exponent (LE[3:0]): Exponent bits lower threshold
Lower lux threshold = 2(exponent) x mantissa x 0.045
Exponent = 8xLE3 + 4xLE2 + 2xLE1 + LE0
Mantissa = 128xLM7 + 64xLM6 + 32xLM5 + 16xLM4
Lower Threshold High-Byte Register 0x06
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REGISTER
ADDRESS
LE3
LE2
LE1
LE0
LM7
LM6
LM5
LM4
0x06
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REGISTER
ADDRESS
T7
T6
T5
T4
T3
T2
T1
T0
0x07


Similar Part No. - MAX44009EDT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44009EVKIT MAXIM-MAX44009EVKIT Datasheet
976Kb / 10P
   MAX44009 Evaluation Kit
Rev 0; 3/11
More results

Similar Description - MAX44009EDT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9635 MAXIM-MAX9635 Datasheet
219Kb / 1P
   Industry?셲 Lowest-Power Ambient Light Sensor with ADC
Rev 0; 8/10
MAX9635 MAXIM-MAX9635_11 Datasheet
1Mb / 20P
   Industry’s Lowest-Power Ambient Light Sensor with ADC
Rev 1; 2/11
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com