Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX44007EDT+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX44007EDT+
Description  Low-Power Digital Ambient Light Sensor with Enhanced Sensitivity
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44007EDT+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX44007EDT+ Datasheet HTML 6Page - Maxim Integrated Products MAX44007EDT+ Datasheet HTML 7Page - Maxim Integrated Products MAX44007EDT+ Datasheet HTML 8Page - Maxim Integrated Products MAX44007EDT+ Datasheet HTML 9Page - Maxim Integrated Products MAX44007EDT+ Datasheet HTML 10Page - Maxim Integrated Products MAX44007EDT+ Datasheet HTML 11Page - Maxim Integrated Products MAX44007EDT+ Datasheet HTML 12Page - Maxim Integrated Products MAX44007EDT+ Datasheet HTML 13Page - Maxim Integrated Products MAX44007EDT+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Low-Power Digital Ambient Light Sensor
with Enhanced Sensitivity
10
Bits in Lux High-Byte register 0x03 give the 4 bits of exponent E3:E0 and 4 most significant bits of the mantissa byte
M7:M4, and represent the lux reading of ambient light. The remaining 4 bits of the mantissa byte M3:M0 are in the Lux
Low-Byte register 0x04 and enhance resolution of the lux reading from the IC.
Exponent (E[3:0]): Exponent bits of the lux reading (0000 to 1110). Note: A reading of 1111 represents an overrange
condition.
Mantissa (M[7:4]): Four most significant bits of mantissa byte of the lux reading (0000 to 1111).
Lux = 2(exponent) x mantissa x 0.4
Exponent = 8xE3 + 4xE2 + 2xE1 + E0
Mantissa = 8xM7 + 4xM6 + 2xM5 + M4
A code of 0000 0001 calculates to be 0.4 lux.
A code of 1110 1111 calculates to be 98,304 lux.
A code of 1110 1110 calculates to be 91,751 lux.
Update of the contents of this register is internally disabled during I2C read operations to ensure proper data transfer
between internal ADC and I2C registers. Update of I2C registers is resumed when the master sends a STOP command.
If user wants to read both the Lux High-Byte register 0x03 and Lux Low-Byte register 0x04, then the master should
not send a STOP command between the reads of the two registers. Instead a REPEATED START command should
be used. This ensures accurate data is obtained from the I2C registers (by disabling internal updates during the read
process).
Integration Timer Bits (TIM[2:0])
The TIM[2:0] bits can be used to program the signal integration time.
In automatic mode (MANUAL = 0), integration time is automatically selected by the on-chip algorithm to be either
100ms/200ms/400ms/800ms. In manual mode, integration time can be varied by the user all the way from 6.25ms to
800ms. See Table 7.
Lux High-Byte Register 0x03
Table 7. Integration Time
TIM[2:0]
INTREGRATION
TIME (ms)
COMMENTS
000
800
This is a preferred mode for boosting low-light sensitivity.
001
400
010
200
011
100
This is a preferred mode for high-brightness applications.
100
50
Manual mode only.
101
25
Manual mode only.
110
12.5
Manual mode only.
111
6.25
Manual mode only.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REGISTER
ADDRESS
E3
E2
E1
E0
M7
M6
M5
M4
0x03


Similar Part No. - MAX44007EDT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44007EDT MAXIM-MAX44007EDT Datasheet
1Mb / 21P
   Low-Power Digital Ambient Light Sensor with Enhanced Sensitivity
Rev 0; 11/10
More results

Similar Description - MAX44007EDT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44007 MAXIM-MAX44007 Datasheet
1Mb / 21P
   Low-Power Digital Ambient Light Sensor with Enhanced Sensitivity
Rev 0; 11/10
logo
Vishay Siliconix
VEML3235 VISHAY-VEML3235 Datasheet
236Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
VEML3235 VISHAY-VEML3235_V01 Datasheet
235Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2022
VEML6035 VISHAY-VEML6035_V02 Datasheet
223Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2023
VEML6035 VISHAY-VEML6035 Datasheet
222Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
Rev. 1.0, 12-Mar-2019
VEML3235SL VISHAY-VEML3235SL Datasheet
365Kb / 14P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
logo
List of Unclassifed Man...
CM32181 ETC1-CM32181 Datasheet
1,002Kb / 16P
   Low Power, High Sensitivity I2C Ambient Light Sensor
logo
Vishay Siliconix
VEML3235SL VISHAY-VEML3235SL_V02 Datasheet
446Kb / 13P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2023
VEML3235 VISHAY-VEML3235_V02 Datasheet
236Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2023
VEML3235SL VISHAY-VEML3235SL_V01 Datasheet
445Kb / 13P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com