Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S21MD3TV Datasheet(PDF) 5 Page - Sharp Corporation

Part # S21MD3TV
Description  High Noise-resistance Type Phototriac Coupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S21MD3TV Datasheet(HTML) 5 Page - Sharp Corporation

  S21MD3TV Datasheet HTML 1Page - Sharp Corporation S21MD3TV Datasheet HTML 2Page - Sharp Corporation S21MD3TV Datasheet HTML 3Page - Sharp Corporation S21MD3TV Datasheet HTML 4Page - Sharp Corporation S21MD3TV Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
S11MD5T/S21MD3TV/S21MD4TV
0
10
0
S21MD3TV
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
20
30
40
50
60
70
80
90
100
S21MD4TV
S11MD5T
Fig.12 ON-state Current vs.
VT (V)
Zero-
cross
Circuit
+ VCC
VIN
Load
1
2
3
6
4
s Basic Operation Circuit
AC100V : S11MD5T
AC200V : S21MD3TV
S21MD4TV
S21MD4TV.
ON-state Voltage
ON-state voltage
Zero-cross circuit is applied to
Medium/High Power Triac Drive Circuit
Note ) Please use on condition of the triac for power triggers.
IF = 20mA
Ta = 25˚C
q Please refer to the chapter “Precautions for Use.”


Similar Part No. - S21MD3TV

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S21MD3 SHARP-S21MD3 Datasheet
48Kb / 4P
   High Noise Resistance Type Phototriac Coupler
S21MD3V SHARP-S21MD3V Datasheet
48Kb / 4P
   High Noise Resistance Type Phototriac Coupler
More results

Similar Description - S21MD3TV

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S21MD3V SHARP-S21MD3V Datasheet
48Kb / 4P
   High Noise Resistance Type Phototriac Coupler
S11MS7 SHARP-S11MS7 Datasheet
41Kb / 3P
   High Speed/ High Noise-resistance Type Phototriac Coupler
S21MD4V SHARP-S21MD4V Datasheet
48Kb / 4P
   Built-in Zero-cross Circuit, High Noise Resistance Type Phototriac Coupler
S21MD10T SHARP-S21MD10T Datasheet
48Kb / 4P
   High Speed, High Sensitivity Type Phototriac Coupler
S2S3 SHARP-S2S3 Datasheet
28Kb / 2P
   Mini-Flat Type Phototriac Coupler
S11MD5V SHARP-S11MD5V Datasheet
44Kb / 3P
   Mini-flat Type Phototriac Coupler
PC3SD11YTZDF SHARP-PC3SD11YTZDF Datasheet
27Kb / 1P
   Low Input Drive Type Phototriac Coupler
S11MD7T SHARP-S11MD7T Datasheet
62Kb / 5P
   Low Input Driving Type Phototriac Coupler
PC812 SHARP-PC812 Datasheet
67Kb / 4P
   High Noise Resistance Type Photocoupler
PC812C SHARP-PC812C Datasheet
70Kb / 4P
   High Noise Resistance Type Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com