Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34561T+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX34561T+T
Description  12V/5V Hot-Plug Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34561T+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX34561T+T Datasheet HTML 1Page - Maxim Integrated Products MAX34561T+T Datasheet HTML 2Page - Maxim Integrated Products MAX34561T+T Datasheet HTML 3Page - Maxim Integrated Products MAX34561T+T Datasheet HTML 4Page - Maxim Integrated Products MAX34561T+T Datasheet HTML 5Page - Maxim Integrated Products MAX34561T+T Datasheet HTML 6Page - Maxim Integrated Products MAX34561T+T Datasheet HTML 7Page - Maxim Integrated Products MAX34561T+T Datasheet HTML 8Page - Maxim Integrated Products MAX34561T+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
12V/5V Hot-Plug Switch
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC5 Relative to GND............-0.3V to +6.5V
Voltage Range on VCC12 Relative to GND ...........-0.3V to +18V
Voltage Range on ILIM5, VRAMP5,
TIMER5, ARD5 Relative to GND .........-0.3V to (VCC5 + 0.3V),
not to exceed +6.5V
Voltage Range on ILIM12, VRAMP12
Relative to GND ................................-0.3V to (VCC12 + 0.3V),
not to exceed +18V
Voltage Range on TIMER12, ARD12
Relative to GND .......................................-0.3V to +5V (VREG)
5V Drain Current
Continuous ............................................................................2A
Peak ......................................................................................4A
12V Drain Current
Continuous ............................................................................2A
Peak ......................................................................................4A
Continuous Power Dissipation (TA = +70NC)
TQFN (derate 20.8mW/NC above +70NC) ...............1666.7mW
Operating Junction Temperature Range ......... -40NC to +135NC
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range .......................... -55NC to +135NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
RECOMMENDED OPERATING CONDITIONS
(TJ = -40NC to +135NC)
ELECTRICAL CHARACTERISTICS
(VCC5 = +5V, VCC12 = +12V, TJ = +25NC, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC5 Voltage
VCC5
(Notes 1, 2)
4.0
5.0
5.5
V
VCC12 Voltage
VCC12
(Notes 1, 2)
9
12
13.2
V
RILIM_ Value
RILIM_
20
400
I
CVRAMP_ Value
CVRAMP_
0.04
5
F
F
CTIMER_ Value
CTIMER_
0.04
5
F
F
TIMER_ Turn-On Voltage
VON
TIMER5
2.1
VCC5 + 0.3
V
TIMER12
2.6
5.0
TIMER_ Turn-Off Voltage
VOFF
-0.3
+1.5
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC5 Supply Current
ICC5
(Note 3)
1.5
2
mA
VCC12 Supply Current
ICC12
(Note 3)
1.5
2.25
mA
5V UVLO: Rising
VUR5
3.7
3.95
V
5V UVLO: Falling
VUF5
2.7
3.2
V
5V UVLO: Hysteresis
VUH5
0.5
V
12V UVLO: Rising
VUR12
8
8.5
V
12V UVLO: Falling
VUF12
6.5
7
V
12V UVLO: Hysteresis
VUH12
1
V
5V On-Resistance
RON5
43
56
mI
12V On-Resistance
RON12
68
88
mI
5V Internal Voltage Reference
VREF5
1.80
V
12V Internal Voltage Reference
VREF12
2.35
V


Similar Part No. - MAX34561T+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34565 MAXIM-MAX34565 Datasheet
1Mb / 10P
   12V Hot-Plug Switch in TDFN Package
Rev 0; 12/11
MAX3456E MAXIM-MAX3456E Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX3456EETE MAXIM-MAX3456EETE Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX3456EETE MAXIM-MAX3456EETE Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX3456EEUD MAXIM-MAX3456EEUD Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
More results

Similar Description - MAX34561T+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4560 MAXIM-DS4560 Datasheet
308Kb / 8P
   12V Hot-Plug Switch
Rev 2; 5/09
MAX34565 MAXIM-MAX34565 Datasheet
1Mb / 10P
   12V Hot-Plug Switch in TDFN Package
Rev 0; 12/11
logo
ORION FANS
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
   DC Fan - 5V, 12V
logo
Maxim Integrated Produc...
MAX5950 MAXIM-MAX5950 Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
logo
Maxim Integrated Produc...
MAX743 MAXIM-MAX743 Datasheet
472Kb / 12P
   Dual-Output, Switch-Mode Regulator(5V to -15V or -12V)
19-2873; Rev 0; 7/90
logo
STMicroelectronics
TSM112 STMICROELECTRONICS-TSM112 Datasheet
85Kb / 7P
   3.3V 5V 12V HOUSEKEEPING IC
logo
SparkFun Electronics
TOL-11296 SPARKFUN-TOL-11296 Datasheet
102Kb / 1P
   Power Supply - 12V/5V (2A)
12/1/2015
logo
STMicroelectronics
TDA8134 STMICROELECTRONICS-TDA8134 Datasheet
335Kb / 4P
   5V 12V REGULATOR WITH DISABLE
September 1993
TSM1121 STMICROELECTRONICS-TSM1121 Datasheet
136Kb / 11P
   3.3V 5V 12V HOUSEKEEPING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com