Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34406 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX34406
Description  Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34406 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX34406 Datasheet HTML 3Page - Maxim Integrated Products MAX34406 Datasheet HTML 4Page - Maxim Integrated Products MAX34406 Datasheet HTML 5Page - Maxim Integrated Products MAX34406 Datasheet HTML 6Page - Maxim Integrated Products MAX34406 Datasheet HTML 7Page - Maxim Integrated Products MAX34406 Datasheet HTML 8Page - Maxim Integrated Products MAX34406 Datasheet HTML 9Page - Maxim Integrated Products MAX34406 Datasheet HTML 10Page - Maxim Integrated Products MAX34406 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
���������������������������������������������������������������� Maxim Integrated Products  10
MAX34406
Quad Current-Sense Amplifier
with Overcurrent Threshold Comparators
RIN x IBIAS contributes to the input voltage offset. IBIAS
is typically 0.2FA.
Placing RIN at the INx- input voltage does not affect the
gain error of the device because the gain is given by the
ratio between ROUTx and R1 at INx+.
Bidirectional Application
Some systems can require a precise bidirectional cur-
rent-sense amplifier to accurately monitor currents.
Measurement of the two separate outputs with respect
to GND yields an accurate measure of the bidirectional
currents (Figure 3).
Choosing the Delay Capacitor
The SHTDN output asserts upon overcurrent detection
on any of the 4 channels. OC1 to OC4 are logically ORed
together; SHTDN latches the output after some delay.
SHTDN latch delay is determined by the following equation:
tDLY = CCDLY × (VDD ÷ 10µA)
Example CCDLY and tDLY pairs are given in the Electrical
Characteristics table.
A discharge resistor, RBLEED, with a max resistance
of 22mI, should be added in parallel with CCDLY. The
delay capacitor integrates overcurrent events over time;
a parallel resistor RBLEED allows the capacitor to dis-
charge over time, thus limiting the integration period.
Accumulated voltage from overcurrent events decay
through the bleed resistor with time constant:
τ = RBLEED × CCDLY
Additionally, discharge of accumulated voltage through
RBLEED increases the precision of the SHTDN delay
time, tDLY.
Figure 3. Bidirectional Application
Ordering Information
+Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
*Future product—contact factory for availability.
**EP = Exposed pad.
Package Information
For the latest package outline information and land patterns (footprints), go to www.maxim-ic.com/packages.Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains
to the package regardless of RoHS status.
PACKAGETYPE
PACKAGECODE
OUTLINENO.
LANDPATTERNNO.
24 TQFN-EP
T2444+4
21-0139
90-0022
PART
GAIN(V/V)
TEMPRANGE
PIN-PACKAGE
MAX34406TETG+*
25
-40NC to +85NC
24 TQFN-EP**
MAX34406TETG+T*
25
-40NC to +85NC
24 TQFN-EP**
MAX34406FETG+*
50
-40NC to +85NC
24 TQFN-EP**
MAX34406FETG+T*
50
-40NC to +85NC
24 TQFN-EP**
MAX34406HETG+
100
-40NC to +85NC
24 TQFN-EP**
MAX34406HETG+T
100
-40NC to +85NC
24 TQFN-EP**
MAX34406WETG+*
200
-40NC to +85NC
24 TQFN-EP**
MAX34406WETG+T*
200
-40NC to +85NC
24 TQFN-EP**
IN2+
OUT1
IN2-
GND
IN1+
IN1-
RSENSE
ILOAD
OUT2
MAX34406
µC
ADC
INPUTS
VDD = 3.3V


Similar Part No. - MAX34406

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34406 MAXIM-MAX34406 Datasheet
1Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1; 1/12
MAX34406EVKIT MAXIM-MAX34406EVKIT Datasheet
1Mb / 7P
   Evaluation Kit
Rev 0; 11/11
MAX34406EVKIT# MAXIM-MAX34406EVKIT# Datasheet
1Mb / 7P
   Evaluation Kit
Rev 0; 11/11
MAX34406FETG+T MAXIM-MAX34406FETG+T Datasheet
1Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1; 1/12
MAX34406HETG++ MAXIM-MAX34406HETG+ Datasheet
1Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1; 1/12
More results

Similar Description - MAX34406

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34406 MAXIM-MAX34406_12 Datasheet
1Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1; 1/12
logo
Linear Technology
LT6119-1 LINER-LT6119-1_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
LT6119-2 LINER-LT6119-2_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
LT6109-1 LINER-LT6109-1_15 Datasheet
323Kb / 28P
   High Side Current Sense Amplifier with Reference and Comparators
LT6109-2 LINER-LT6109-2_15 Datasheet
323Kb / 28P
   High Side Current Sense Amplifier with Reference and Comparators
logo
Texas Instruments
INA302-Q1 TI1-INA302-Q1 Datasheet
865Kb / 38P
[Old version datasheet]   Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
logo
Rohm
BA10339F ROHM-BA10339F Datasheet
253Kb / 5P
   GROUND SENSE QUAD VOLTAGE COMPARATORS
BA2901F ROHM-BA2901F Datasheet
294Kb / 6P
   GROUND SENSE QUAD VOLTAGE COMPARATORS
logo
Texas Instruments
INA302 TI1-INA302 Datasheet
153Kb / 6P
[Old version datasheet]   Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier
INA300 TI1-INA300_16 Datasheet
1Mb / 41P
[Old version datasheet]   Overcurrent-Protection, Current-Sense Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com