Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX31723 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX31723
Description  Digital Thermometers and Thermostats with SPI/3-Wire Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31723 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX31723 Datasheet HTML 1Page - Maxim Integrated Products MAX31723 Datasheet HTML 2Page - Maxim Integrated Products MAX31723 Datasheet HTML 3Page - Maxim Integrated Products MAX31723 Datasheet HTML 4Page - Maxim Integrated Products MAX31723 Datasheet HTML 5Page - Maxim Integrated Products MAX31723 Datasheet HTML 6Page - Maxim Integrated Products MAX31723 Datasheet HTML 7Page - Maxim Integrated Products MAX31723 Datasheet HTML 8Page - Maxim Integrated Products MAX31723 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Digital Thermometers and Thermostats
with SPI/3-Wire Interface
3
AC ELECTRICAL CHARACTERISTICS: 3-WIRE INTERFACE
(VDD = 1.7V to 3.7V, TJ = -55NC to +125NC, unless otherwise noted.) (Figures 1, 2)
AC ELECTRICAL CHARACTERISTICS: SPI INTERFACE
(VDD = 1.7V to 3.7V, TJ = -55NC to +125NC, unless otherwise noted.) (Figures 3, 4)
AC ELECTRICAL CHARACTERISTICS: EEPROM
(VDD = 1.7V to 3.7V, TJ = -55NC to +125NC, unless otherwise noted.)
Note 1: All voltages are referenced to ground. Currents entering the IC are specified positive, and currents exiting the IC are negative.
Note 2: Logic 0 voltages are specified at a sink current of 3mA.
Note 3: Logic 1 voltages are specified at a source current of 1mA.
Note 4: ICC specified with SCLK = VDD and CE = GND.
Note 5: Measured at VIH = 0.7V x VDD or VIL = 0.3 x VDD and 10ms maximum rise and fall times.
Note 6: Measured with 50pF load.
Note 7: Measured at VOH = 0.7 x VDD or VOL = 0.3 x VDD. Measured from the 50% point of SCLK to the VOH minimum of SDO.
Note 8: VDD must be > 2.0V during EEPROM write cycles.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Data to SCLK Setup
tDC
(Notes 5, 6)
35
ns
SCLK to Data Hold
tCDH
(Notes 5, 6)
35
ns
SCLK to Data Valid
tCDD
(Notes 5, 6, 7)
80
ns
SCLK Low Time
tCL
(Note 6)
100
ns
SCLK High Time
tCH
(Note 6)
100
ns
SCLK Frequency
tCLK
(Note 6)
DC
5.0
MHz
SCLK Rise and Fall
tR, tF
200
ns
CE to SCLK Setup
tCC
(Note 6)
400
ns
SCLK to CE Hold
tCCH
(Note 6)
100
ns
CE Inactive Time
tCWH
(Note 6)
400
ns
CE to Output High-Z
tCDZ
(Notes 5, 6)
40
ns
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Write Cycle Time
tWR
-40NC to +85NC (Note 8)
15
ms
EEPROM Write Endurance
NEEWR
-40NC P TA P +85NC (Note 8)
20,000
Cycles
TA = +25NC (Note 8)
80,000
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Data to SCLK Setup
tDC
(Notes 5, 6)
35
ns
SCLK to Data Hold
tCDH
(Notes 5, 6)
35
ns
SCLK to Data Valid
tCDD
(Notes 5, 6, 7)
80
ns
SCLK Low Time
tCL
(Note 6)
100
ns
SCLK High Time
tCH
(Note 6)
100
ns
SCLK Frequency
tCLK
(Note 6)
DC
5.0
MHz
SCLK Rise and Fall
tR, tF
200
ns
CE to SCLK Setup
tCC
(Note 6)
400
ns
SCLK to CE Hold
tCCH
(Note 6)
100
ns
CE Inactive Time
tCWH
(Note 6)
400
ns
CE to Output High-Z
tCDZ
(Notes 5, 6)
40
ns
SCLK to Output High-Z
tCCZ
(Notes 5, 6)
40
ns


Similar Part No. - MAX31723

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31723MUA++ MAXIM-MAX31723MUA+ Datasheet
536Kb / 15P
   Digital Thermometers and Thermostats with SPI/3-Wire Interface
2021
MAX31723MUA+T MAXIM-MAX31723MUA+T Datasheet
536Kb / 15P
   Digital Thermometers and Thermostats with SPI/3-Wire Interface
2021
MAX31723PMB1 MAXIM-MAX31723PMB1 Datasheet
1Mb / 8P
   MAX31723PMB1 Peripheral Module
Rev 0; 5/12
More results

Similar Description - MAX31723

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31722 MAXIM-MAX31722_V01 Datasheet
536Kb / 15P
   Digital Thermometers and Thermostats with SPI/3-Wire Interface
2021
logo
Dallas Semiconductor
DS1722 DALLAS-DS1722 Datasheet
984Kb / 13P
   Digital Thermometer with SPI/3-Wire Interface
logo
Maxim Integrated Produc...
DS1722 MAXIM-DS1722 Datasheet
324Kb / 14P
   Digital Thermometer with SPI/3-Wire Interface
103007
logo
VTI technologies
SCA3100-D01 VTI-SCA3100-D01 Datasheet
106Kb / 3P
   3-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
Murata Manufacturing Co...
SCL3300-D01 MURATA1-SCL3300-D01 Datasheet
2Mb / 47P
   3-axis inclinometer with angle output and digital SPI interface
Doc.No. 4921 Rev. 2
logo
VTI technologies
SCA3000-D01 VTI-SCA3000-D01 Datasheet
209Kb / 4P
   3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
CMA3000-D01 VTI-CMA3000-D01 Datasheet
201Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI AND I2C INTERFACE
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
   3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D04 VTI-SCA3100-D04 Datasheet
148Kb / 6P
   3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com