Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11MD4T Datasheet(PDF) 4 Page - Sharp Corporation

Part # S11MD4T
Description  Phototriac Coupler with Built-in Zero-cross Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S11MD4T Datasheet(HTML) 4 Page - Sharp Corporation

  S11MD4T Datasheet HTML 1Page - Sharp Corporation S11MD4T Datasheet HTML 2Page - Sharp Corporation S11MD4T Datasheet HTML 3Page - Sharp Corporation S11MD4T Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
S11MD4V/S11MD4T
Fig.11 ON-state Current vs. ON-state Voltage
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0
10
20
30
40
50
60
70
80
90
100
T ( V )
Load
Zero-
cross
circuit
AC100V
1
2
3
4
6
+VCC
VIN
s Basic Operation Circuit
ON-state voltage V
Medium/High Power Triac Drive Circuit
Note) Please use on condition of the triac for power triggers.
Ta = 25˚C
IF = 20mA
q
Please refer to the chapter “Precautions for Use.”


Similar Part No. - S11MD4T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S11MD5T SHARP-S11MD5T Datasheet
64Kb / 5P
   High Noise-resistance Type Phototriac Coupler
S11MD5V SHARP-S11MD5V Datasheet
44Kb / 3P
   Mini-flat Type Phototriac Coupler
S11MD7T SHARP-S11MD7T Datasheet
62Kb / 5P
   Low Input Driving Type Phototriac Coupler
S11MD8T SHARP-S11MD8T Datasheet
62Kb / 5P
   Low Input Driving Type Phototriac Coupler
S11MD9T SHARP-S11MD9T Datasheet
62Kb / 5P
   Low Input Driving Type Phototriac Coupler
More results

Similar Description - S11MD4T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S21MD6T SHARP-S21MD6T Datasheet
56Kb / 4P
   Built-in Zero-cross Circuit Phototriac Coupler
S21MD4V SHARP-S21MD4V Datasheet
48Kb / 4P
   Built-in Zero-cross Circuit, High Noise Resistance Type Phototriac Coupler
PC3SD21YXZCF SHARP-PC3SD21YXZCF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YTZD SHARP-PC3SD21YTZD Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXZC SHARP-PC3SD21YXZC Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SD21NTZCF SHARP-PC4SD21NTZCF Datasheet
330Kb / 16P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZBF SHARP-PC3SD21NTZBF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NXZCF SHARP-PC3SD21NXZCF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPDF SHARP-PC3SD21YXPDF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPLF SHARP-PC3SD21YXPLF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com