Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17000A Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX17000A
Description  Complete DDR2 and DDR3 Memory Power-Management Solution
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17000A Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX17000A Datasheet HTML 4Page - Maxim Integrated Products MAX17000A Datasheet HTML 5Page - Maxim Integrated Products MAX17000A Datasheet HTML 6Page - Maxim Integrated Products MAX17000A Datasheet HTML 7Page - Maxim Integrated Products MAX17000A Datasheet HTML 8Page - Maxim Integrated Products MAX17000A Datasheet HTML 9Page - Maxim Integrated Products MAX17000A Datasheet HTML 10Page - Maxim Integrated Products MAX17000A Datasheet HTML 11Page - Maxim Integrated Products MAX17000A Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Complete DDR2 and DDR3 Memory
Power-Management Solution
8
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX17000A Circuit of Figure 1, VIN = 12V, VDD = VCC = 5V, SKIP = GND, TA = +25°C, unless otherwise noted.)
SMPS 1.5V EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
1
0.1
20
30
40
50
60
70
80
90
100
10
0.01
10
VIN = 7V
SKIP MODE
STDBY = LOW
SKIP MODE
STDBY = HIGH
PWM MODE
STDBY = HIGH OR LOW
SMPS 1.5V EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
1
0.1
20
30
40
50
60
70
80
90
100
10
0.01
10
VIN = 12V
SKIP MODE
STDBY = LOW
SKIP MODE
STDBY = HIGH
PWM MODE
STDBY = HIGH OR LOW
SMPS 1.5V EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
1
0.1
20
30
40
50
60
70
80
90
100
10
0.01
10
VIN = 20V
SKIP MODE
STDBY = LOW
SKIP MODE
STDBY = HIGH
PWM MODE
STDBY = HIGH OR LOW
SMPS 1.5V OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (A)
0.1
1
0.01
1.50
1.51
1.49
0.001
10
PWM MODE
VIN = 12V
SKIP MODE
SMPS SWITCHING FREQUENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
46
8
2
100
50
200
150
300
250
350
0
010
VIN = 12V
VOUT = 1.5V
PWM MODE
SKIP MODE
SMPS VALLEY-CURRENT LIMIT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
12
16
20
24
8
9.75
10.00
10.25
10.50
9.50
428
RSENSE = 2m
NO-LOAD SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
12
16
20
24
8
0.1
1
10
100
0.01
428
PWM MODE, ICC + IDD
STDBY = HIGH, SKIP MODE, ICC + IDD
STDBY = LOW, SKIP MODE, ICC + IDD
SKIP MODE, IIN
PWM MODE, IIN
NO LOAD
PRESET 1.5V OUTPUT
VOLTAGE DISTRIBUTION
OUTPUT VOLTAGE (V)
1.500
1.505
1.495
10
20
30
40
50
0
1.490
1.510
SAMPLE SIZE = 150
TA = +85
°C
TA = +25
°C


Similar Part No. - MAX17000A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000A MAXIM-MAX17000A Datasheet
691Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
MAX17000AETG++ MAXIM-MAX17000AETG+ Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000AETG++ MAXIM-MAX17000AETG+ Datasheet
691Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
MAX17000A MAXIM-MAX17000A_08 Datasheet
691Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
More results

Similar Description - MAX17000A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000 MAXIM-MAX17000_13 Datasheet
802Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 4/13
MAX17000A MAXIM-MAX17000A_08 Datasheet
691Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
logo
Texas Instruments
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
logo
uPI Group Inc.
UP1566 UPI-UP1566 Datasheet
208Kb / 14P
   Complete DDR3/ DDR4 Memory Power Solution Controller
UP1740S UPI-UP1740S Datasheet
245Kb / 14P
   Complete DDR3/ DDR4 Memory Power Solution Converter
UP1565 UPI-UP1565 Datasheet
241Kb / 15P
   Complete DDR3/ DDR4 Memory Power Solution Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com