Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMXS-4202S Datasheet(PDF) 2 Page - Sanken electric

Part # FMXS-4202S
Description  Fast Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMXS-4202S Datasheet(HTML) 2 Page - Sanken electric

  FMXS-4202S Datasheet HTML 1Page - Sanken electric FMXS-4202S Datasheet HTML 2Page - Sanken electric FMXS-4202S Datasheet HTML 3Page - Sanken electric FMXS-4202S Datasheet HTML 4Page - Sanken electric FMXS-4202S Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.sanken-ele.co.jp
FMXS-4202S
June, 2011
Fast Recovery Diode
The information included herein is believed to be accurate and reliable. However, SANKEN ELECTRIC CO., LTD assumes no
responsibility for its use ; nor for any infringements of patents or other rights of third parties that may result from its use.
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 2
SANKEN ELECTRIC
Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
200
2
Peak Reverse Voltage
VRM
V
200
3
Average Forward Current
IF(AV)
A
20
4
Peak Surge Forward Current
IFSM
A
150
10msec.
Half sinewave, one shot
5
I
2t Limiting Value
I2t
A2s
112.5
1msec ≤ t ≤ 10msec
6
Junction Temperature
Tj
°C
-40∼+150
7
Storage Temperature
Tstg
°C
-40∼+150
No.1,2,4&5 show ratings per one chip.
Electrical characteristics (Ta=25°C, unless otherwise specified)
No.
Item
Symbol
Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
1.05 max.
IF=10A
2
Reverse Leakage Current
IR
uA
50 max.
VR=VRM
3
Reverse
Leakage
Current
Under High Temperature
H・IR
mA
30 max.
VR=VRM, Tj=150°C
4
Reverse Recovery Time
trr1
ns
30 max.
IF= IRP=500mA,
Tj=25°C, 90% Recovery point
trr2
ns
25 max.
IF=500mA,IRP=1A,
Tj=25°C, 75% Recovery point
5
Thermal Resistance
Rth(j-l)
°C /W
2.0 max.
Between Junction and case
No.1,2,3&4 show characteristics per one chip.


Similar Part No. - FMXS-4202S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMXS-4202S SANKEN-FMXS-4202S Datasheet
355Kb / 5P
   Fast Recovery Diode
More results

Similar Description - FMXS-4202S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com