Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15034BAUI+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15034BAUI+
Description  Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15034BAUI+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15034BAUI+ Datasheet HTML 3Page - Maxim Integrated Products MAX15034BAUI+ Datasheet HTML 4Page - Maxim Integrated Products MAX15034BAUI+ Datasheet HTML 5Page - Maxim Integrated Products MAX15034BAUI+ Datasheet HTML 6Page - Maxim Integrated Products MAX15034BAUI+ Datasheet HTML 7Page - Maxim Integrated Products MAX15034BAUI+ Datasheet HTML 8Page - Maxim Integrated Products MAX15034BAUI+ Datasheet HTML 9Page - Maxim Integrated Products MAX15034BAUI+ Datasheet HTML 10Page - Maxim Integrated Products MAX15034BAUI+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Configurable, Single-/Dual-Output, Synchronous
Buck Controller for High-Current Applications
TURN-ON/TURN-OFF WAVEFORM
MAX15034 toc15
1ms/div
VOUT1
1V/div
EN1
5V/div
EN2
5V/div
VOUT2
1V/div
_______________________________________________________________________________________
7
OUT1/OUT2 OUT-OF-PHASE WAVEFORMS
(VOUT1 = 0.8V, VOUT2 = 1.3V)
MAX15034 toc14
OUT1
100mV/div
10
μs/div
OUT2
100mV/div
LX2
10V/div
LX1
10V/div
Typical Operating Characteristics (continued)
(Circuit of Figure 6, TA = +25°C, unless otherwise noted. VIN = 12V, VOUT1 = 0.8V, VOUT2 = 1.3V, fSW = 500kHz per phase.)
SHORT-CIRCUIT CURRENT WAVEFORMS
(VIN = 5V)
MAX15034 toc16
200ms/div
IOUT2
10A/div
IOUT1
10A/div
AVERAGE CURRENT LIMIT
vs. VAVGLIMIT
VAVGLIMIT (V)
15
30
45
60
75
0
2.5
2.0
1.5
1.0
0.5
03.0
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
0.610
0.615
0.620
0.605
-40
125
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
475
500
525
550
450
110
95
80
65
50
35
20
5
-10
-25
-40
125


Similar Part No. - MAX15034BAUI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15034BEVKIT MAXIM-MAX15034BEVKIT Datasheet
80Kb / 1P
   Evaluation Kit for the MAX15034B and MAX5066
11/10/2009
More results

Similar Description - MAX15034BAUI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15034 MAXIM-MAX15034_11 Datasheet
329Kb / 26P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 1; 10/11
MAX5066 MAXIM-MAX5066 Datasheet
367Kb / 22P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 1; 8/05
logo
Renesas Technology Corp
ISL6228 RENESAS-ISL6228 Datasheet
860Kb / 17P
   High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Intersil Corporation
ISL6228HRTZ INTERSIL-ISL6228HRTZ Datasheet
467Kb / 16P
   High-Performance Dual-Output Buck Controller for Notebook Applications
May 7, 2008
ISL6228 INTERSIL-ISL6228 Datasheet
470Kb / 16P
   High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Linear Technology
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
   High Current, Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
   High Current, Dual Output Synchronous Buck Converter
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com