Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S201S16V Datasheet(PDF) 4 Page - Sharp Corporation

Part # S201S16V
Description  SIP Type SSR with Built-in Snubber Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S201S16V Datasheet(HTML) 4 Page - Sharp Corporation

  S201S16V Datasheet HTML 1Page - Sharp Corporation S201S16V Datasheet HTML 2Page - Sharp Corporation S201S16V Datasheet HTML 3Page - Sharp Corporation S201S16V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
S101S15V/S101S16V/S201S15V/S201S16V
Supply voltage (Vrms )
0
100
160
0
1
2
3
4
5
(S101S15V, S101S16V)
Supply voltage
(Vrms )
0
200
320
0
1
2
3
4
5
(S201S15V, S201S16V)
Fig. 8-a Open Circuit Leak Current vs. Supply
Voltage ( Typical Value)
Fig. 8-b Open Circuit Leak Current vs. Supply
Voltage ( Typical Value)
Ta = 25˚C
Ta = 25˚C
q Please refer to the chapter “ Precautions for Use.”


Similar Part No. - S201S16V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S201S05V SHARP-S201S05V Datasheet
60Kb / 4P
   SIP Type SSR with Mounting Capability for External Heat Sink
S201S06F SHARP-S201S06F Datasheet
244Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S201S06V SHARP-S201S06V Datasheet
60Kb / 4P
   SIP Type SSR with Mounting Capability for External Heat Sink
S201S06V SHARP-S201S06V Datasheet
244Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S201S06V SHARP-S201S06V Datasheet
244Kb / 13P
   Non-zero cross type is also available. (S101S05V Series)
More results

Similar Description - S201S16V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S202S11F SHARP-S202S11F Datasheet
249Kb / 13P
   Built-in snubber circuit Non-Zero Cross type SIP 4pin Triac output SSR
S202S12F SHARP-S202S12F Datasheet
250Kb / 13P
   IT(rms)??A, Built-in snubber circuit Zero Cross type SIP 4pin Triac output SSR
S102S11 SHARP-S102S11 Datasheet
58Kb / 4P
   SIP Type SSR with Snubber Circuit and Mouning Capability for External Heat Sink
S101N11 SHARP-S101N11 Datasheet
59Kb / 4P
   Voltage Input Type Solid State Relay with Built-in Snubber Circuit
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05 Datasheet
755Kb / 6P
   5mm Mini SIP SSR
logo
Sharp Corporation
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
   SIP Type SSR for Medium Power Control
S102S01 SHARP-S102S01 Datasheet
57Kb / 4P
   SIP Type SSR for Medium Power Control
S202SE1 SHARP-S202SE1 Datasheet
64Kb / 4P
   SIP Type SSR for Medium Power Control
S102S03 SHARP-S102S03 Datasheet
56Kb / 4P
   SIP Type SSR with Mounting Capability for External Heat Sink
S101S05V SHARP-S101S05V Datasheet
60Kb / 4P
   SIP Type SSR with Mounting Capability for External Heat Sink
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com