Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15004BAUE+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15004BAUE+
Description  4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15004BAUE+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15004BAUE+ Datasheet HTML 3Page - Maxim Integrated Products MAX15004BAUE+ Datasheet HTML 4Page - Maxim Integrated Products MAX15004BAUE+ Datasheet HTML 5Page - Maxim Integrated Products MAX15004BAUE+ Datasheet HTML 6Page - Maxim Integrated Products MAX15004BAUE+ Datasheet HTML 7Page - Maxim Integrated Products MAX15004BAUE+ Datasheet HTML 8Page - Maxim Integrated Products MAX15004BAUE+ Datasheet HTML 9Page - Maxim Integrated Products MAX15004BAUE+ Datasheet HTML 10Page - Maxim Integrated Products MAX15004BAUE+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
OVI TO OUT DELAY THROUGH
OVERVOLTAGE COMPARATOR
MAX15004 toc16
1
μs/div
VOUT
2V/div
VOVI
500mV/div
VOUT
VOVI
DRIVER OUTPUT PEAK SOURCE
AND SINK CURRENT
MAX15004 toc17
400ns/div
VOUT
5V/div
IOUT
1A/div
COUT = 10nF
POWER-UP SEQUENCE THROUGH VIN
MAX15004 toc18
2ms/div
VIN
10V/div
VCC
5V/div
REG5
5V/div
VOUT
5V/div
VON/OFF = 5V
4.5V to 40V Input Automotive
Flyback/Boost/SEPIC Power-Supply Controllers
_______________________________________________________________________________________
7
MAX15005 MAXIMUM DUTY CYCLE
vs. OUTPUT FREQUENCY (fOUT)
OUTPUT FREQUENCY (kHz)
50
55
60
65
70
75
80
85
90
95
100
10
100
1000
CT = 220pF
CT = 1500pF
CT = 1000pF
CT = 560pF
CT = 2200pF
CT = 3300pF
CT = 100pF
MAX15004 MAXIMUM DUTY CYCLE
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
110
135
45
46
47
48
49
50
51
52
53
54
55
fOUT = 75kHz
MAX15005 MAXIMUM DUTY CYCLE
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
110
135
65
67
69
71
73
75
77
79
81
83
85
CT = 560pF
RT = 13.7k
Ω
fOSC = fOUT = 150kHz
MAXIMUM DUTY CYCLE
vs. fSYNC/fOSC RATIO
fSYNC/fOSC RATIO
1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0
50
55
60
65
70
75
80
CRTCT = 220pF
RRTCT = 10k
Ω
fOSC = fOUT = 418kHz
CT = 560pF
RT = 10k
Ω
fOSC = fOUT = 180kHz
MAX15005
ERROR AMPLIFIER OPEN-LOOP GAIN
AND PHASE vs. FREQUENCY
FREQUENCY (Hz)
MAX15004 toc14
60
100
140
180
220
260
300
340
-10
0
10
20
30
40
50
60
70
80
90
100
110
0.1
1
10
100
1k
10k 100k 1M 10M
GAIN
PHASE
CS-TO-OUT DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
MAX15004 toc15
10
0
20
30
40
50
60
70
80
90
100
-40
-15
10
35
60
85
110
135
VCS OVERDRIVE = 190mV
VCS OVERDRIVE = 50mV
Typical Operating Characteristics (continued)
(VIN = 14V, CIN = 0.1μF, CVCC = 0.1μF // 1μF, CREG5 = 1μF, VON/OFF = 5V, CSS = 0.01μF, CSLOPE = 100pF, RT = 13.7k
Ω,
CT = 560pF. TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX15004BAUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15004BAUE MAXIM-MAX15004BAUE Datasheet
536Kb / 29P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX15004BAUE MAXIM-MAX15004BAUE Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004BAUE MAXIM-MAX15004BAUE Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004BAUEV MAXIM-MAX15004BAUEV Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
More results

Similar Description - MAX15004BAUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15004A MAXIM-MAX15004A Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004 MAXIM-MAX15004_10 Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004 MAXIM-MAX15004 Datasheet
536Kb / 29P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX16990 MAXIM-MAX16990 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
MAX16990AUBA MAXIM-MAX16990AUBA Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost SEPIC Controllers
Rev 6; 8/15
MAX16990 MAXIM-MAX16990_V01 Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
MAX16992 MAXIM-MAX16992 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com