Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15005 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15005
Description  4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15005 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15005 Datasheet HTML 1Page - Maxim Integrated Products MAX15005 Datasheet HTML 2Page - Maxim Integrated Products MAX15005 Datasheet HTML 3Page - Maxim Integrated Products MAX15005 Datasheet HTML 4Page - Maxim Integrated Products MAX15005 Datasheet HTML 5Page - Maxim Integrated Products MAX15005 Datasheet HTML 6Page - Maxim Integrated Products MAX15005 Datasheet HTML 7Page - Maxim Integrated Products MAX15005 Datasheet HTML 8Page - Maxim Integrated Products MAX15005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
4.5V to 40V Input Automotive
Flyback/Boost/SEPIC Power-Supply Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 14V, CIN = 0.1μF, CVCC = 0.1μF // 1μF, CREG5 = 1μF, VON/OFF = 5V, CSS = 0.01μF, CSLOPE = 100pF, RT = 13.7k
Ω, CT =
560pF, VSYNC = VOVI = VFB = VCS = 0V, COMP = unconnected, OUT = unconnected. TA = TJ = -40°C to +125°C, unless otherwise
noted. Typical values are at TA = +25°C. All voltages are referenced to PGND, unless otherwise noted.) (Note 1) (Figure 5)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to SGND.............................................................-0.3V to +45V
IN to PGND.............................................................-0.3V to +45V
ON/OFF to SGND ........................................-0.3V to (VIN + 0.3V)
OVI, SLOPE, RTCT, SYNC, SS, FB, COMP,
CS to SGND .........................................-0.3V to (VREG5 + 0.3V)
VCC to PGND..........................................................-0.3V to +12V
REG5 to SGND .........................................................-0.3V to +6V
OUT to PGND .............................................-0.3V to (VCC + 0.3V)
SGND to PGND .....................................................-0.3V to +0.3V
VCC Sink Current (clamped mode) .....................................35mA
OUT Current (< 10μs transient) ..........................................±1.5A
Continuous Power Dissipation* (TA = +70°C)
16-Pin TSSOP-EP (derate 21.3mW/°C
above +70°C)..............................................................1702mW
16-Pin TSSOP (derate 9.4mW/°C above +70°C) ..........754mW
Operating Junction Temperature Range ...........-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
*
As per JEDEC51 Standard, Multilayer Board.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Input Supply Range
VIN
4.5
40.0
V
Operating Supply Current
IQ
VIN = 40V, fOSC = 150kHz
2
3.1
mA
ON/OFF CONTROL
Input-Voltage Threshold
VON
VON/OFF rising
1.05
1.23
1.40
V
Input-Voltage Hysteresis
VHYST-ON
75
mV
Input Bias Current
IB-ON/OFF
VON/OFF = 40V
0.5
μA
Shutdown Current
ISHDN
VON/OFF = 0V
10
20
μA
INTERNAL 7.4V LDO (VCC)
Output (VCC) Voltage Set Point
VVCC
IVCC = 0 to 20mA (sourcing)
7.15
7.4
7.60
V
Line Regulation
VIN = 8V to 40V
1
mV/V
UVLO Threshold Voltage
VUVLO-VCC
VCC rising
3.15
3.5
3.75
V
UVLO Hysteresis
VHYST-UVLO
500
mV
Dropout Voltage
VIN = 4.5V, IVCC = 20mA (sourcing)
0.25
0.5
V
Output Current Limit
IVCC-ILIM
IVCC sourcing
45
mA
Internal Clamp Voltage
VVCC-CLAMP IVCC = 30mA (sinking)
10.0
10.4
10.8
V
INTERNAL 5V LDO (REG5)
Output (REG5) Voltage Set Point
VREG5
VCC = 7.5V, IREG5 = 0 to 15mA (sourcing)
4.75
4.95
5.05
V
Line Regulation
VCC = 5.5V to 10V
2
mV/V
Dropout Voltage
VCC = 4.5V, IREG5 = 15mA (sourcing)
0.25
0.5
V
Output Current Limit
IREG5-ILIM
IREG5 sourcing
32
mA


Similar Part No. - MAX15005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15005 MAXIM-MAX15005 Datasheet
536Kb / 29P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX15005A MAXIM-MAX15005A Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15005A MAXIM-MAX15005A Datasheet
443Kb / 8P
   71% Efficiency at 16V Input and Full Load
Rev 1; 7/20
MAX15005AAUE MAXIM-MAX15005AAUE Datasheet
536Kb / 29P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX15005AAUE MAXIM-MAX15005AAUE Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
More results

Similar Description - MAX15005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15004A MAXIM-MAX15004A Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004 MAXIM-MAX15004_10 Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004 MAXIM-MAX15004 Datasheet
536Kb / 29P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX16990 MAXIM-MAX16990 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
MAX16990AUBA MAXIM-MAX16990AUBA Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost SEPIC Controllers
Rev 6; 8/15
MAX16990 MAXIM-MAX16990_V01 Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
MAX16992 MAXIM-MAX16992 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com