Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14503ETL+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14503ETL+
Description  Hi-Speed USB-to-SD Card Readers with Bypass
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14503ETL+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14503ETL+ Datasheet HTML 1Page - Maxim Integrated Products MAX14503ETL+ Datasheet HTML 2Page - Maxim Integrated Products MAX14503ETL+ Datasheet HTML 3Page - Maxim Integrated Products MAX14503ETL+ Datasheet HTML 4Page - Maxim Integrated Products MAX14503ETL+ Datasheet HTML 5Page - Maxim Integrated Products MAX14503ETL+ Datasheet HTML 6Page - Maxim Integrated Products MAX14503ETL+ Datasheet HTML 7Page - Maxim Integrated Products MAX14503ETL+ Datasheet HTML 8Page - Maxim Integrated Products MAX14503ETL+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Hi-Speed USB-to-SD Card
Readers with Bypass
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MODE, I2C_SEL, ADD, RST
Input-Voltage High
VIH
2/3 x
VIO
V
BUSY, BERR/INT
Output-Voltage Low
VOL
ILOAD = 1mA
0.4
V
BUSY, BERR/INT
Output-Voltage High
VOH
ILOAD = -1mA
VIO -
0.4
V
I2C_SEL, ADD, RST Input
Leakage Current
IIL
-1
+1
µA
MODE Input Resistance to GND
RMODE
150
300
500
k
Ω
FREF Full-Swing Input-Voltage
High
VIH
1.3
V
FREF Full-Swing Input-Voltage
Low
VIL
0.4
V
FREF Low-Amplitude Input-
Voltage Low
VIL
200
mV
FREF Input Leakage Current
IILF
Full-Swing mode
-10
+10
µA
FREF Input Resistance
Low-Amplitude input mode
1
MΩ
KVBUS Comparator Threshold
VTH
1.0
1.25
1.5
V
KVBUS Comparator Hysteresis
VHYS
20
mV
KVBUS Comparator Input
Impedance
RIN
10
M
Ω
SDA/SCL Input Low Voltage
VIL_I2C
0.3 x
VIO
V
SDA/SCL Input High Voltage
VIH_I2C
0.7 x
VIO
V
VIO > +2V, 3mA sink current
0
0.4
SDA Output Logic-Low
VOL_I2C
VIO
≤ +2V, 3mA sink current
0
0.2 x
VIO
V
SDA/SCL Input Leakage Current
IIN_I2C
-10
+10
µA
SD CARD INTERFACE
On-Resistance
RON
VTEST = 0 or VSD, ITEST = 10mA (Note 3)
10
Ω
Off-Leakage Current
IILSD
VTEST = 0 or VSD (Note 3)
-1
+1
µA
Off-Capacitance
CSD_OFF
(Note 4)
5
pF
On-Capacitance
CSD_ON
(Note 5)
10
pF
Pullup Resistance
RPU
CCMD1, CCMD2, CDAT1_[3:0],
CDAT2_[3:0]
50
75
100
k
Ω
Output High Voltage
VOH
IOH = -100µA
0.75 x
VSD
V
Output Low Voltage
VOL
IOL = 100µA
0.125 x
VSD
V
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.4V to +3.6V, VSD = +2.4V to +3.6V, VIO = +1.5V to +3.6V, VTM = +2.91V to +3.4V, TA = -40°C to +85°C, unless otherwise
noted. Typical values are at VCC = +3.3V, VIO = +2.5V, VSD = +2.5V, VTM = +3.3V, TA = +25°C.) (Note 2)


Similar Part No. - MAX14503ETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
   Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
MAX14502 MAXIM-MAX14502 Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
MAX14502EVKIT MAXIM-MAX14502EVKIT Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
MAX14502EVKIT++ MAXIM-MAX14502EVKIT+ Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
MAX14504 MAXIM-MAX14504 Datasheet
190Kb / 12P
   Internal Shunt Switches Reduce Click/Pop
Rev 1; 12/08
More results

Similar Description - MAX14503ETL+

ManufacturerPart #DatasheetDescription
logo
JMicron Technology Corp...
JM20329 JMICRON-JM20329 Datasheet
126Kb / 2P
   Hi-Speed USB to SATA Bridge
JM20339 JMICRON-JM20339 Datasheet
185Kb / 2P
   Hi-Speed USB to SATA Bridge
May 2004 Version 1.2
logo
Future Technology Devic...
C232HM FTDI-C232HM Datasheet
531Kb / 18P
   USB 2.0 Hi-Speed to MPSSE Cable
logo
List of Unclassifed Man...
STIR4220 ETC1-STIR4220 Datasheet
67Kb / 2P
   USB 2.0 Hi-Speed to irDA Bridge
logo
PLX Technology
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
   Hi-Speed USB 2.0 to SATA Controller
logo
List of Unclassifed Man...
PL-2507 ETC1-PL-2507 Datasheet
39Kb / 1P
   Hi-Speed USB to IDE Bridge Controller
logo
PLX Technology
OXU931SF PLX-OXU931SF Datasheet
112Kb / 1P
   Hi-Speed USB 2.0 to SATA Controller
logo
List of Unclassifed Man...
PL-2571 ETC2-PL-2571 Datasheet
64Kb / 1P
   Hi-Speed USB to SATAII Bridge Controller
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
   USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
logo
PLX Technology
NET2282 PLX-NET2282 Datasheet
110Kb / 2P
   PCI to USB 2.0 Hi-Speed Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com