Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14502AEWN+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX14502AEWN+
Description  Hi-Speed USB-to-SD Card Readers with Bypass
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14502AEWN+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX14502AEWN+ Datasheet HTML 7Page - Maxim Integrated Products MAX14502AEWN+ Datasheet HTML 8Page - Maxim Integrated Products MAX14502AEWN+ Datasheet HTML 9Page - Maxim Integrated Products MAX14502AEWN+ Datasheet HTML 10Page - Maxim Integrated Products MAX14502AEWN+ Datasheet HTML 11Page - Maxim Integrated Products MAX14502AEWN+ Datasheet HTML 12Page - Maxim Integrated Products MAX14502AEWN+ Datasheet HTML 13Page - Maxim Integrated Products MAX14502AEWN+ Datasheet HTML 14Page - Maxim Integrated Products MAX14502AEWN+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Hi-Speed USB-to-SD Card
Readers with Bypass
______________________________________________________________________________________
11
Pin Description (continued)
PIN
TQFN
WLP
NAME
FUNCTION
C5
HDAT2_2
SD Card 2 Data Bus Analog Switch. HDAT2_2 connects to DAT2 on the SD port of
the host µP.
A4
HDAT2_3
SD Card 2 Data Bus Analog Switch. HDAT2_3 connects to DAT3 on the SD port of
the host µP.
G4
HCMD2
SD Card 2 Command Analog Switch. HCMD2 connects to CMD on the SD port of the
host µP.
G3
HCLK2
SD Card 2 Clock Analog Switch. HCLK2 connects to CLK on the SD port of the host µP.
POWER SUPPLY
5A6
VIO
I/O Logic-Level Translator Voltage. Bypass VIO to GND with a 0.1µF ceramic
capacitor. VIO powers the logic inputs/outputs and I2C block.
23
F6
VTM
USB Analog Switch and Transceiver Power Supply. Bypass VTM to GND with a 0.1µF
ceramic capacitor.
38
B1, B2
CLDO
Bypass Capacitor for Internal +1.8V LDO. Connect a 1µF ceramic capacitor (X7R,
X5R, or better) from CLDO to GND. CLDO must not be used to power external
circuitry.
39
B3, C3
VCC
Digital Supply Voltage. Bypass VCC to GND with a 1µF ceramic capacitor (X7R, X5R,
or better).
40
A1
VSD
SD Card Voltage. Bypass VSD to GND with a 1µF ceramic capacitor (X7R, X5R, or
better).
18, 24, 26,
37
C1, C2, E7,
E8, G5, G6
GND
Ground
NO CONNECTION
35, 36
D4, E4
N.C.
No Connection. Connect N.C. to GND.
EXPOSED PAD
EP
Exposed Pad. Connect EP to GND. Do not use EP as the sole GND connection.


Similar Part No. - MAX14502AEWN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14502 MAXIM-MAX14502 Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
MAX14502EVKIT MAXIM-MAX14502EVKIT Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
MAX14502EVKIT++ MAXIM-MAX14502EVKIT+ Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
More results

Similar Description - MAX14502AEWN+

ManufacturerPart #DatasheetDescription
logo
JMicron Technology Corp...
JM20329 JMICRON-JM20329 Datasheet
126Kb / 2P
   Hi-Speed USB to SATA Bridge
JM20339 JMICRON-JM20339 Datasheet
185Kb / 2P
   Hi-Speed USB to SATA Bridge
May 2004 Version 1.2
logo
Future Technology Devic...
C232HM FTDI-C232HM Datasheet
531Kb / 18P
   USB 2.0 Hi-Speed to MPSSE Cable
logo
List of Unclassifed Man...
STIR4220 ETC1-STIR4220 Datasheet
67Kb / 2P
   USB 2.0 Hi-Speed to irDA Bridge
logo
PLX Technology
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
   Hi-Speed USB 2.0 to SATA Controller
logo
List of Unclassifed Man...
PL-2507 ETC1-PL-2507 Datasheet
39Kb / 1P
   Hi-Speed USB to IDE Bridge Controller
logo
PLX Technology
OXU931SF PLX-OXU931SF Datasheet
112Kb / 1P
   Hi-Speed USB 2.0 to SATA Controller
logo
List of Unclassifed Man...
PL-2571 ETC2-PL-2571 Datasheet
64Kb / 1P
   Hi-Speed USB to SATAII Bridge Controller
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
   USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
logo
PLX Technology
NET2282 PLX-NET2282 Datasheet
110Kb / 2P
   PCI to USB 2.0 Hi-Speed Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com