Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14500AEWN+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX14500AEWN+
Description  Hi-Speed USB-to-SD Card Readers with Bypass
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14500AEWN+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX14500AEWN+ Datasheet HTML 4Page - Maxim Integrated Products MAX14500AEWN+ Datasheet HTML 5Page - Maxim Integrated Products MAX14500AEWN+ Datasheet HTML 6Page - Maxim Integrated Products MAX14500AEWN+ Datasheet HTML 7Page - Maxim Integrated Products MAX14500AEWN+ Datasheet HTML 8Page - Maxim Integrated Products MAX14500AEWN+ Datasheet HTML 9Page - Maxim Integrated Products MAX14500AEWN+ Datasheet HTML 10Page - Maxim Integrated Products MAX14500AEWN+ Datasheet HTML 11Page - Maxim Integrated Products MAX14500AEWN+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Hi-Speed USB-to-SD Card
Readers with Bypass
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +3.3V, VIO = +2.5V, VSD = +2.5V, VTM = +3.3V, TA = +25°C, unless otherwise noted.)
0
-20
0.1
1
10
100
1000
PASS THRU USB CHANNEL
FREQUENCY RESPONSE
-16
FREQUENCY (MHz)
-12
-8
-4
-6
-10
-14
-18
-2
0.1
1
10
100
1000
PASS THRU SD CHANNEL
OFF-ISOLATION
FREQUENCY (MHz)
0
-80
-60
-40
-20
0
2
6
4
8
10
-40
10
-15
35
60
85
PASS THRU VCC SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
NO CLOCK
33
32
31
30
29
2.0
2.8
2.4
3.2
3.6
CARD READER VCC SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC SUPPLY VOLTAGE (V)
DEVICE ENUMERATED
DATA RATE = 0Mbps
17
19
18
21
20
22
23
2.9
3.4
CARD READER VTM SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VTM SUPPLY VOLTAGE (V)
3.1
3.0
3.2
3.3
DEVICE ENUMERATED
DATA RATE = 0Mbps


Similar Part No. - MAX14500AEWN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
   Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
MAX14502 MAXIM-MAX14502 Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
MAX14502EVKIT MAXIM-MAX14502EVKIT Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
MAX14502EVKIT++ MAXIM-MAX14502EVKIT+ Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
MAX14504 MAXIM-MAX14504 Datasheet
190Kb / 12P
   Internal Shunt Switches Reduce Click/Pop
Rev 1; 12/08
More results

Similar Description - MAX14500AEWN+

ManufacturerPart #DatasheetDescription
logo
JMicron Technology Corp...
JM20329 JMICRON-JM20329 Datasheet
126Kb / 2P
   Hi-Speed USB to SATA Bridge
JM20339 JMICRON-JM20339 Datasheet
185Kb / 2P
   Hi-Speed USB to SATA Bridge
May 2004 Version 1.2
logo
Future Technology Devic...
C232HM FTDI-C232HM Datasheet
531Kb / 18P
   USB 2.0 Hi-Speed to MPSSE Cable
logo
List of Unclassifed Man...
STIR4220 ETC1-STIR4220 Datasheet
67Kb / 2P
   USB 2.0 Hi-Speed to irDA Bridge
logo
PLX Technology
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
   Hi-Speed USB 2.0 to SATA Controller
logo
List of Unclassifed Man...
PL-2507 ETC1-PL-2507 Datasheet
39Kb / 1P
   Hi-Speed USB to IDE Bridge Controller
logo
PLX Technology
OXU931SF PLX-OXU931SF Datasheet
112Kb / 1P
   Hi-Speed USB 2.0 to SATA Controller
logo
List of Unclassifed Man...
PL-2571 ETC2-PL-2571 Datasheet
64Kb / 1P
   Hi-Speed USB to SATAII Bridge Controller
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
   USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
logo
PLX Technology
NET2282 PLX-NET2282 Datasheet
110Kb / 2P
   PCI to USB 2.0 Hi-Speed Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com