Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4403 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # 2N4403
Description  General Purpose Si-Epitaxial Planar Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

2N4403 Datasheet(HTML) 2 Page - Diotec Semiconductor

  2N4403 Datasheet HTML 1Page - Diotec Semiconductor 2N4403 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N4403
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Collector-Emitter saturation voltage – Kollektor-Emitter-Sättigungsspg. 2)
- IC = 150 mA, - IB = 15 mA
- IC = 500 mA, - IB = 50 mA
- VCEsat
- VCEsat
0.40 V
0.75 V
Base-Emitter saturation voltage – Basis-Emitter-Sättigungsspannung 2)
- IC = 150 mA, - IB = 15 mA
- IC = 500 mA, - IB = 50 mA
- VBEsat
- VBEsat
0.75 V
0.95 V
1.3 V
Collector-Emitter cutoff current – Kollektor-Emitter-Reststrom
- VCE = 35 V, - VEB = 0,4 V
- ICEX
100 nA
Emitter-Base cutoff current – Emitter-Basis-Reststrom
- VCE = 35 V, - VEB = 0,4 V
- IEBV
–-
100 nA
Gain-Bandwidth Product – Transitfrequenz
- IC = 20 mA, - VCE = 10 V, f = 100 MHz
fT
200 MHz
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- VCB = 5 V, IE = ie = 0, f = 1 MHz
CCBO
8.5 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
- VEB = 0.5 V, IC = ic = 0, f = 1 MHz
CEBO
30 pf
Switching times – Schaltzeiten (between 10% and 90% levels)
delay time
rise time
storage time
fall time
- ICon = 10 mA
- IBon = 1 mA
IBoff = 1 mA
td
15 ns
tr
20 ns
ts
225 ns
tf
30 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 420 K/W 1)
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
2N4401
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - 2N4403

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2N4403 SEMTECH_ELEC-2N4403 Datasheet
333Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
297Kb / 6P
   General Purpose Transistors(PNP Silicon)
1996
logo
Rohm
2N4403 ROHM-2N4403 Datasheet
90Kb / 4P
   PNP Medium Power Transistor (Switching)
logo
Micro Commercial Compon...
2N4403 MCC-2N4403 Datasheet
180Kb / 4P
   PNP General Purpose Amplifier
logo
Foshan Blue Rocket Elec...
2N4403 FOSHAN-2N4403 Datasheet
960Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
More results

Similar Description - 2N4403

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
2N4401 DIOTEC-2N4401 Datasheet
102Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC337-XBK DIOTEC-BC337-XBK Datasheet
95Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC546XBK DIOTEC-BC546XBK Datasheet
87Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
2N5400 DIOTEC-2N5400 Datasheet
106Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC546 DIOTEC-BC546_07 Datasheet
100Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
2N5550 DIOTEC-2N5550 Datasheet
106Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC327-XBK DIOTEC-BC327-XBK Datasheet
95Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
2N5172 DIOTEC-2N5172 Datasheet
105Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC327 DIOTEC-BC327_07 Datasheet
106Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC337 DIOTEC-BC337_07 Datasheet
105Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com