Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14502AETL+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX14502AETL+
Description  Hi-Speed USB-to-SD Card Readers with Bypass
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14502AETL+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX14502AETL+ Datasheet HTML 2Page - Maxim Integrated Products MAX14502AETL+ Datasheet HTML 3Page - Maxim Integrated Products MAX14502AETL+ Datasheet HTML 4Page - Maxim Integrated Products MAX14502AETL+ Datasheet HTML 5Page - Maxim Integrated Products MAX14502AETL+ Datasheet HTML 6Page - Maxim Integrated Products MAX14502AETL+ Datasheet HTML 7Page - Maxim Integrated Products MAX14502AETL+ Datasheet HTML 8Page - Maxim Integrated Products MAX14502AETL+ Datasheet HTML 9Page - Maxim Integrated Products MAX14502AETL+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Hi-Speed USB-to-SD Card
Readers with Bypass
6
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
SE Receiver Input High
VIH
2.0
V
SE Receiver Input Low
VIL
0.8
V
Differential Common-Mode
Voltage
VCM
0.8
2.0
V
Receiver Differential Input
Sensitivity
VDI
0.2
V
Transmitter High
VOH
RL = 15k
Ω connected to GND
2.8
3.6
V
Transmitter Low
VOL
RL = 1.5k
Ω connected to 3.3V
0
0.3
V
Transmitter Output Signal
Crossover Voltage
VCRS
(Note 6)
1.3
2.0
V
Bus Pullup Resistor on Upstream
Facing Port (Idle Bus)
RPUI
0.900
1.25
1.575
k
Ω
Bus Pullup Resistor on Upstream
Facing Port (Upstream Port
Receiving)
RPUA
1.425
2.5
3.090
k
Ω
Input Impedance
ZINP
300
k
Ω
Termination Voltage for Upstream
Facing Port Pullup (RPU)
VTERM
VTM
V
AC CHARACTERISTICS
Rise Time
tFR
420
ns
Fall Time
tFF
420
ns
Differential Rise and Fall Time
Matching
tFRFM
(Note 6)
90
111.11
%
Full-Speed Data Rate
tFDRATHS
11.994
12.030
Mbps
USB FULL-SPEED SOURCE ELECTRICAL CHARACTERISTICS
(VCC = +2.4V to +3.6V, VSD = +2.4V to +3.6V, VIO = +1.5V to +3.6V, VTM = +2.91V to +3.4V, TA = -40°C to +85°C, unless otherwise
noted. Typical values are at VCC = +3.3V, VIO = +2.5V, VSD = +2.5V, VTM = +3.3V, TA = +25°C.) (Note 2)
Note 2: All parameters are tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 3: On-resistance is measured by applying voltage and current on the SD card interface (CCLK1, CCMD1, CDAT1_[3:0],
CCLK2, CCMD2, CDAT2_[3:0]).
Note 4: Off-capacitance measured with SD switch open (CCLK1, HCLK1, CCMD1, HCMD1, CDAT1_[3:0], HDAT1_[3:0], CCLK2,
HCLK2, CCMD2, HCMD2, CDAT2_[3:0], HDAT2_[3:0]).
Note 5: On-capacitance measured on SD card side (CCLK1, CCMD1, CDAT1_[3:0], CCLK2, CCMD2, CDAT2_[3:0]).
Note 6: Specifications guaranteed by design.


Similar Part No. - MAX14502AETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14502 MAXIM-MAX14502 Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
MAX14502EVKIT MAXIM-MAX14502EVKIT Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
MAX14502EVKIT++ MAXIM-MAX14502EVKIT+ Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
More results

Similar Description - MAX14502AETL+

ManufacturerPart #DatasheetDescription
logo
JMicron Technology Corp...
JM20329 JMICRON-JM20329 Datasheet
126Kb / 2P
   Hi-Speed USB to SATA Bridge
JM20339 JMICRON-JM20339 Datasheet
185Kb / 2P
   Hi-Speed USB to SATA Bridge
May 2004 Version 1.2
logo
Future Technology Devic...
C232HM FTDI-C232HM Datasheet
531Kb / 18P
   USB 2.0 Hi-Speed to MPSSE Cable
logo
List of Unclassifed Man...
STIR4220 ETC1-STIR4220 Datasheet
67Kb / 2P
   USB 2.0 Hi-Speed to irDA Bridge
logo
PLX Technology
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
   Hi-Speed USB 2.0 to SATA Controller
logo
List of Unclassifed Man...
PL-2507 ETC1-PL-2507 Datasheet
39Kb / 1P
   Hi-Speed USB to IDE Bridge Controller
logo
PLX Technology
OXU931SF PLX-OXU931SF Datasheet
112Kb / 1P
   Hi-Speed USB 2.0 to SATA Controller
logo
List of Unclassifed Man...
PL-2571 ETC2-PL-2571 Datasheet
64Kb / 1P
   Hi-Speed USB to SATAII Bridge Controller
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
   USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
logo
PLX Technology
NET2282 PLX-NET2282 Datasheet
110Kb / 2P
   PCI to USB 2.0 Hi-Speed Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com