Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13450EAUD+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX13450EAUD+
Description  RS-485 Transceivers with Integrated 100Ω/120Ω Termination Resistors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13450EAUD+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX13450EAUD+ Datasheet HTML 2Page - Maxim Integrated Products MAX13450EAUD+ Datasheet HTML 3Page - Maxim Integrated Products MAX13450EAUD+ Datasheet HTML 4Page - Maxim Integrated Products MAX13450EAUD+ Datasheet HTML 5Page - Maxim Integrated Products MAX13450EAUD+ Datasheet HTML 6Page - Maxim Integrated Products MAX13450EAUD+ Datasheet HTML 7Page - Maxim Integrated Products MAX13450EAUD+ Datasheet HTML 8Page - Maxim Integrated Products MAX13450EAUD+ Datasheet HTML 9Page - Maxim Integrated Products MAX13450EAUD+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
RS-485 Transceivers with Integrated
100/120Termination Resistors
6 ______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +5V, VL = +1.8V, TA = +25NC, unless otherwise noted.)
DRIVER DIFFERENTIAL OUTPUT CURRENT
vs. DIFFERENTIAL OUTPUT VOLTAGE
DRIVER DIFFERENTIAL OUTPUT VOLTAGE (V)
4
3
2
1
20
40
60
80
100
0
0
5
RECEIVER PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
20
40
60
80
100
0
-40
125
INV = HIGH
INV = LOW
RECEIVER OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
0.1
0.2
0.3
0.4
0.5
0
-40
125
IOUT = 1mA
RECEIVER OUTPUT HIGH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
1.2
1.4
1.6
1.8
2.0
1.0
-40
125
IOUT = 1mA
RECEIVER OUTPUT VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
60
50
40
30
20
10
1
2
3
4
5
0
0
70
SOURCE
SINK
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
65 80
-10 5 20 35 50
-25
1
2
3
4
5
6
7
8
9
10
0
-40
125
SUPPLY CURRENT
vs. DATA RATE
DATA RATE (Mbps)
10
1
10
20
30
40
50
60
70
0
0.1
100
RL = 54Ω
RL = 100Ω
NO LOAD
TRANSMITTER OUTPUT CURRENT
vs. TRANSMITTER OUTPUT LOW VOLTAGE
TRANSMITTER OUTPUT LOW VOLTAGE (V)
7
2
20
40
60
80
100
120
140
160
180
200
0
-3
12
TRANSMITTER OUTPUT CURRENT
vs. TRANSMITTER OUTPUT HIGH VOLTAGE
TRANSMITTER OUTPUT HIGH VOLTAGE (V)
3
-2
20
40
60
80
100
120
0
-7


Similar Part No. - MAX13450EAUD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13450EAUD++ MAXIM-MAX13450EAUD+ Datasheet
1Mb / 17P
   RS-485 Transceivers with Integrated 100廓/120廓 Termination Resistors
Rev 0; 4/10
More results

Similar Description - MAX13450EAUD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13450E MAXIM-MAX13450E Datasheet
1Mb / 17P
   RS-485 Transceivers with Integrated 100廓/120廓 Termination Resistors
Rev 0; 4/10
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
logo
Analog Devices
ADM2482E AD-ADM2482E_V01 Datasheet
670Kb / 20P
   2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Rev. A
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
logo
Analog Devices
ADM2482E AD-ADM2482E Datasheet
643Kb / 20P
   2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com