Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13450E_1011 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX13450E_1011
Description  RS-485 Transceivers with Integrated 100Ω/120Ω Termination Resistors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13450E_1011 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX13450E_1011 Datasheet HTML 4Page - Maxim Integrated Products MAX13450E_1011 Datasheet HTML 5Page - Maxim Integrated Products MAX13450E_1011 Datasheet HTML 6Page - Maxim Integrated Products MAX13450E_1011 Datasheet HTML 7Page - Maxim Integrated Products MAX13450E_1011 Datasheet HTML 8Page - Maxim Integrated Products MAX13450E_1011 Datasheet HTML 9Page - Maxim Integrated Products MAX13450E_1011 Datasheet HTML 10Page - Maxim Integrated Products MAX13450E_1011 Datasheet HTML 11Page - Maxim Integrated Products MAX13450E_1011 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
RS-485 Transceivers with Integrated
100/120Termination Resistors
8 ______________________________________________________________________________________
Test Circuits and Waveforms
Figure 1. Driver DC Test Load
Figure 3. Driver Propagation Delays
Figure 2. Driver Timing Test Circuit
VOC
A/Y
B/Z
RDIFF
2
RDIFF
VOD
CL
2
A
B
DE
DI
VL
RDIFF
CL
VID
VL/2
VL/2
0V
DI
B
A
tDPLH
tDPHL
1/2 VO
1/2 VO
VO
10%
90%
10%
90%
0V
VO
-VO
VDD
tDSKEW = |tDPLH - tDPHL|
tHL
tLH
VL
f = 1MHz, tLH ≤ 3ns, tHL ≤ 3ns


Similar Part No. - MAX13450E_1011

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13450EAUD++ MAXIM-MAX13450EAUD+ Datasheet
1Mb / 17P
   RS-485 Transceivers with Integrated 100廓/120廓 Termination Resistors
Rev 0; 4/10
More results

Similar Description - MAX13450E_1011

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13450E MAXIM-MAX13450E Datasheet
1Mb / 17P
   RS-485 Transceivers with Integrated 100廓/120廓 Termination Resistors
Rev 0; 4/10
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
logo
Analog Devices
ADM2482E AD-ADM2482E_V01 Datasheet
670Kb / 20P
   2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Rev. A
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
logo
Analog Devices
ADM2482E AD-ADM2482E Datasheet
643Kb / 20P
   2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com