Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2420 Datasheet(PDF) 2 Page - Sanken electric

Part # 2SK2420
Description  MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SK2420 Datasheet(HTML) 2 Page - Sanken electric

  2SK2420_05 Datasheet HTML 1Page - Sanken electric 2SK2420_05 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(Unit: mm)
a
b
GDS
φ3.3±0.2
10.0±
0.2
1.35 ±
0.15
1.35 ±
0.15
0.85
2.54
2.54
2.2
±0.2
0.45
2.4
±0.2
4.2±
0.2
C 0.5
2.8
General product
a: Part Number
b: Lot Number
Weight: Approx 2.0g
Weight: Approx 6.5g
a: Part Number
b: Lot Number
a
b
4.4
1.5
1.5
φ3.3±0.1
15.6 ±0.2
2.15
±0.15
5.45 ±0.1
5.45 ±0.1
GD
S
0.8
0.65
3.35
±0.2
3.45
±0.2
5.5
±0.2
1.05
1.75
±0.15
a
b
GDS
φ3.3±0.2
10.0±
0.2
1.35
±0.15
1.35
±0.15
0.85
2.54
2.54
2.2 ±
0.2
0.45
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1
2.4
±0.2
4.2±0.2
C 0.5
2.8
FM20 (TO-220F)
1
a
b
0.8
4.4
1.5
1.5
φ3.3±0.2
15.6 ±0.2
1.75 ±0.15
2.15 ±0.15
1.05
5.45
±0.1
5.45 ±
0.1
GD
S
0.65
3.35 ±0.2
3.45
±0.2
5.5 ±0.2
FM100 (TO-3PF)
2
3
External dimensions
UL approved product
General product
UL approved product
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1


Similar Part No. - 2SK2420_05

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SK2420 SANKEN-2SK2420 Datasheet
34Kb / 1P
   MOSFET
2SK2420 SANKEN-2SK2420 Datasheet
51Kb / 2P
   External dimensions 1
logo
Inchange Semiconductor ...
2SK2420 ISC-2SK2420 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK2420_05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
logo
International Rectifier
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
International Rectifier
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
Sanken electric
2SJ425 SANKEN-2SJ425 Datasheet
34Kb / 1P
   MOSFET
2SK1178 SANKEN-2SK1178 Datasheet
34Kb / 1P
   MOSFET
2SK2708 SANKEN-2SK2708 Datasheet
35Kb / 1P
   MOSFET
2SK2803 SANKEN-2SK2803 Datasheet
25Kb / 2P
   MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com