Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT510 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PT510
Description  TO-18 Type Narrow Acceptance Phototransistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT510 Datasheet(HTML) 3 Page - Sharp Corporation

  PT510 Datasheet HTML 1Page - Sharp Corporation PT510 Datasheet HTML 2Page - Sharp Corporation PT510 Datasheet HTML 3Page - Sharp Corporation PT510 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Irradiance E e ( mW/cm
2 )
02468
10
0
5
10
15
20
RBE =
500k
300k
200k
100k
50k
Collector-emitter voltage V CE (V)
02468
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
22
24
26
T a = 25˚C
PC (MAX.)
Ee
7.5mW/cm2
5mW/cm2
2.5mW/cm2
Collector-emitter voltage V CE (V)
02468
10
0
2
4
6
8
10
12
14
T a = 25˚C
PC (MAX.)
IB =10 µ A
9
µ A
8
µ A
7
µ A
6
µ A
5
µ A
4
µ A
3
µ A
2
µ A
1
µ A
Wavelength
λ ( nm )
400
600
800
1000
1200
0
20
40
60
80
100
T a = 25˚C
L ( k Ω )
1
10
100
0.1
0.2
0.5
2
5
10
1
2
5
20
50
200
Base resistance R BE ( k Ω )
100
1000
1
10
10
20
50
200
500
2000
5000 10000
0.1
0.2
0.5
2
5
20
tr
tf
td
t s
PT501/PT510
(PT510 )
(PT501 )
(PT510 )
(PT510 )
VCE =5V
T a = 25˚C
VCE =2V
IC = 2mA
T a = 25˚C
VCE =2V
IC = 2mA
T a = 25˚C
t f
t r
Fig.4-b Collector Current vs. Irradiance
Fig.5-a Collector Current vs.
Collector-emitter Voltage
Fig. 6 Spectral Sensitivity
Fig.5-b Collector Current vs.
Collector-emitter Voltage
Fig. 8 Response Time vs. Base Resistance
= 10mW/cm2
Fig. 7 Response Time vs. Load Resistance
Load resistance R


Similar Part No. - PT510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5100 TI-PT5100 Datasheet
170Kb / 7P
[Old version datasheet]   1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
logo
Princeton Technology Co...
PT5100 PTC-PT5100 Datasheet
137Kb / 4P
   Auto Focus Motor Driver IC
logo
Texas Instruments
PT5101 TI-PT5101 Datasheet
170Kb / 7P
[Old version datasheet]   1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5101A TI-PT5101A Datasheet
170Kb / 7P
[Old version datasheet]   1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5101C TI-PT5101C Datasheet
170Kb / 7P
[Old version datasheet]   1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT510

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT430 SHARP-PT430 Datasheet
154Kb / 4P
   Narrow Acceptance Phototransistor
PT480 SHARP-PT480 Datasheet
54Kb / 4P
   Narrow Acceptance Phototransistor
PT431 SHARP-PT431 Datasheet
153Kb / 4P
   NARROW ACCEPTANCE, HIGH SENSITIVITY PHOTOTRANSISTOR
PT481 SHARP-PT481 Datasheet
66Kb / 4P
   Narrow Acceptance High Sensitivity Phototransistor
logo
NTE Electronics
NTE3122 NTE-NTE3122 Datasheet
19Kb / 2P
   Phototransistor Silicon NPN, Narrow Acceptance, High Sensitivity, Darlington
logo
Sharp Corporation
PT361 SHARP-PT361 Datasheet
114Kb / 3P
   COMPACT TYPE INTERMEDIATE ACCEPTANCE PHOTOTRANSISTOR
PD480PI SHARP-PD480PI Datasheet
45Kb / 3P
   High Speed, Narrow Acceptance Photodiodes
PT491 SHARP-PT491 Datasheet
66Kb / 4P
   Intermediate Acceptance High Sensitivity Phototransistor
PT495F SHARP-PT495F Datasheet
43Kb / 3P
   Intermediate Acceptance High Sensitivity Phototransistor
PT550 SHARP-PT550 Datasheet
62Kb / 4P
   TO-18 Type Phototransistor with Base Terminal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com