Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13042EEVKIT+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13042EEVKIT+
Description  Evaluation Kit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13042EEVKIT+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13042EEVKIT+ Datasheet HTML 1Page - Maxim Integrated Products MAX13042EEVKIT+ Datasheet HTML 2Page - Maxim Integrated Products MAX13042EEVKIT+ Datasheet HTML 3Page - Maxim Integrated Products MAX13042EEVKIT+ Datasheet HTML 4Page - Maxim Integrated Products MAX13042EEVKIT+ Datasheet HTML 5Page - Maxim Integrated Products MAX13042EEVKIT+ Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Quick Start
Recommended Equipment
Before beginning, the following equipment is needed:
1.62V to 3.2V DC power supply
2.2V to 3.6V DC power supply
Logic function generator
Oscilloscope
Standard 5mm scope probe
Procedure
The MAX13042E EV kit is fully assembled and tested.
Follow the steps below to verify board operation.
Caution: Do not turn on the power supply until all
connections are completed.
1) Verify that a shunt is installed on jumper JU1
between pins 1-2 (normal operation).
2) Set the logic function generator to produce a 1MHz,
2VP-P, 1V offset square wave. Disable the logic
function generator output.
3) Connect the logic function generator to SMA input
IVL1. Terminate function generator as necessary.
4) Connect the positive terminal of the 2V supply to the
VL PCB pad and the ground terminal to the GND
PCB pad.
5) Connect the positive terminal of the 3V supply to the
VCC PCB pad and the ground terminal to the GND
PCB pad.
6) Place an oscilloscope probe at scope jack output
OVCC1.
7) Enable the power supplies and the logic function
generator output.
8) Verify that OVCC1 shows a 1MHz, 3VP-P square
wave with a 1.5V offset.
Detailed Description
The MAX13042E EV kit demonstrates the MAX13042E
4-channel, bidirectional logic-level translator, featured
in a tiny 12-bump UCSP package. The MAX13042E
translates between VL (1.62V to 3.2V) and VCC (2.2V to
3.6V) logic levels and guarantees data rates up to
100Mbps. The MAX13042E also features ±15kV ESD
protection on all I/O VCC lines.
The MAX13042E EV kit circuit features I/O traces of
matched length (within 5 mils) to maintain propagation-
time uniformity. The EV kit dedicates two channels for
translation between VL to VCC and two channels for
translation between VCC to VL. Input signals can either
be applied using SMA connectors IVL1, IVL2, IVCC3,
and IVCC4 or at test points TP1–TP4. Output signals
are monitored using oscilloscope probe jacks OVCC1,
OVCC2, OVL3, and OVL4. The EV kit also utilizes the
MAX13042E’s enable function through configuration of
jumper JU1.
Enable Input
Jumper JU1 controls the enable input of the
MAX13042E. See Table 1 for JU1 jumper selection.
SMA Inputs (IVL1, IVL2, IVCC3, and IVCC4)
To utilize the SMA connectors to apply input signals to
the EV kit, these connections must be appropriately ter-
minated. See Table 2 for SMA input termination set-
tings. Signal traces will remain of matched length in this
configuration.
Test Point Input Option (TP1–TP4)
To implement use of the test point inputs, remove the
appropriate resistor (R1, R2, R7, or R8) and apply a
signal to the corresponding test point. Signal traces will
remain of matched length in this configuration. GND
pads are conveniently located on the EV kit to ground
the input signal. Note: The input signal is not as well
matched as it is with the SMA inputs.
MAX13042E Evaluation Kit
2
_______________________________________________________________________________________
SHUNT
POSITION
ENABLE PIN (EN)
EV KIT FUNCTION
1-2*
Connected to VL
Enabled (normal operation)
2-3
Connected to GND
Disabled (tri-state operation)
Table 1. Enable (EN) Pin Setting
(Jumper JU1)
*
Default position.
SHUNT POSITION
INPUT TERMINATION
Installed
49.9
Ω termination
Not installed*
None**
Table 2. SMA Input Termination
(Jumpers JU2–JU5)
*
Default position.
**
Must configure signal generator for high-impedance output.


Similar Part No. - MAX13042EEVKIT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13042EEVKIT++ MAXIM-MAX13042EEVKIT+ Datasheet
119Kb / 6P
   Two Dedicated Channels to Allow Translation from VCC to VL
Rev 1; 2/08
More results

Similar Description - MAX13042EEVKIT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com