Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11803EWC+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX11803EWC+T
Description  Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11803EWC+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX11803EWC+T Datasheet HTML 4Page - Maxim Integrated Products MAX11803EWC+T Datasheet HTML 5Page - Maxim Integrated Products MAX11803EWC+T Datasheet HTML 6Page - Maxim Integrated Products MAX11803EWC+T Datasheet HTML 7Page - Maxim Integrated Products MAX11803EWC+T Datasheet HTML 8Page - Maxim Integrated Products MAX11803EWC+T Datasheet HTML 9Page - Maxim Integrated Products MAX11803EWC+T Datasheet HTML 10Page - Maxim Integrated Products MAX11803EWC+T Datasheet HTML 11Page - Maxim Integrated Products MAX11803EWC+T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
Low-Power, Ultra-Small Resistive Touch-Screen
Controllers with I2C/SPI Interface
8
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(VDD = 1.7V to 3.6V, TA = -40°C to +85°C (MAX11800E–MAX11803E), TA = -40°C to +105°C (MAX11800G/MAX11801G), unless oth-
erwise noted. Typical values are at TA = +25°C and VDD = 3.3V, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ...........................................................-0.3V to +4.0V
X+, X-, Y+, Y-, AUX, TIRQ to GND ........................-0.3V to +4.0V
SCL, CLK, SDA, DIN, A0, CS, A1, DOUT to GND.-0.3V to +4.0V
Maximum Current into Any Pin .........................................±50mA
Continuous Power Dissipation (TA = +70°C)
12-Pin TQFN (derate 24.4mW/°C above +70°C) ....1951.2mW
12-Pin WLP (derate 6.5mW/°C above +70°C) ..........518.8mW
Operating Temperature Ranges
MAX1180_E_ _..................................................-40°C to +85°C
MAX1180_G_ _ ...............................................-40°C to +105°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (excluding WLP, soldering, 10s) .......+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC
ADC Resolution
No missing codes
10
11
Bits
Differential Nonlinearity
DNL
12-bit resolution
±1.5
LSB
Integral Nonlinearity
INL
12-bit resolution
±1.5
LSB
Offset Error
±2
LSB
Gain Error
±4
LSB
Throughput
105
ksps
TOUCH SENSORS (X+, X-, Y+, Y-, AUX)
VDD = 1.7V
7
Switch On-Resistance
VDD = 3.3V
5
Switch Driver Current
100ms pulse
50
mA
Input Voltage Range
0
VDD
V
POWER SUPPLY (VDD)
Supply Voltage
VDD
1.7
3.6
V
1.7V
0.2
Power-down mode. All digital
inputs static.
3.6V
2
TDM. All digital inputs static.
Does not include panel
currents when touched.
3.6V
7
1.7V
9
Timed LPM. All digital inputs
static. Does not include panel
currents when touched.
3.3V
16
1.7V
216
AUX conversions at 34.4ksps
equivalent rate, SPI
3.3V
273
550
1.7V
202
Supply Current
AUX conversions at 34.4ksps
equivalent rate, I2C
3.3V
269
550
μA
1.7V
367
AUX conversions at 34.4ksps
equivalent rate, SPI
3.3V
901
1.7V
343
Power Consumption
AUX conversions at 34.4ksps
equivalent rate, I2C
3.3V
888
μW
ABSOLUTE MAXIMUM RATINGS
Note 1: All WLP devices are 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by
design and characterization.


Similar Part No. - MAX11803EWC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11803EWC+T MAXIM-MAX11803EWC+T Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
MAX11803EWC+T MAXIM-MAX11803EWC+T Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
More results

Similar Description - MAX11803EWC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11800 MAXIM-MAX11800_10 Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
logo
Asahi Kasei Microsystem...
AK4185 AKM-AK4185_10 Datasheet
574Kb / 30P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
579Kb / 27P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
461Kb / 30P
   Low Power Touch Screen Controller with SPI Interface
AK4186 AKM-AK4186 Datasheet
634Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
AK4186 AKM-AK4186 Datasheet
887Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
logo
Maxim Integrated Produc...
MAX11811 MAXIM-MAX11811 Datasheet
816Kb / 1P
   TacTouch™, Low-Power, Ultra-Small, Resistive Touch-Screen Controller with Haptic Driver
Rev 0; 1/10
logo
Shenzhen Huazhimei Semi...
HM2056 HMSEMI-HM2056 Datasheet
892Kb / 19P
   Ultra-low power consumption 4-wire resistive touch screen controller
logo
List of Unclassifed Man...
WTD0001 ETC-WTD0001 Datasheet
88Kb / 4P
   TOUCH SCREEN CONTROLLER (FOR SPI INTERFACE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com