Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13021 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX13021
Description  ±60V Fault-Protected LIN Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13021 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX13021 Datasheet HTML 4Page - Maxim Integrated Products MAX13021 Datasheet HTML 5Page - Maxim Integrated Products MAX13021 Datasheet HTML 6Page - Maxim Integrated Products MAX13021 Datasheet HTML 7Page - Maxim Integrated Products MAX13021 Datasheet HTML 8Page - Maxim Integrated Products MAX13021 Datasheet HTML 9Page - Maxim Integrated Products MAX13021 Datasheet HTML 10Page - Maxim Integrated Products MAX13021 Datasheet HTML 11Page - Maxim Integrated Products MAX13021 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
±60V Fault-Protected LIN Transceivers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VBAT = +12V and TA = +25°C, unless otherwise noted.)
10
µs/div
LIN TRANSMITTING NORMAL
SLOPE MODE
TX
5V/div
RX
5V/div
MAX13020 toc10
RL = 660k
CL = 6.8nF
NORMAL SCOPE MODE
20kbps
LIN
5V/div
10
µs/div
TX
5V/div
RX
5V/div
MAX13020 toc11
RL = 500k
CL = 10nF
NORMAL SCOPE MODE
20kbps
LIN
5V/div
LIN TRANSMITTING NORMAL
SLOPE MODE
20
µs/div
TX
5V/div
RX
5V/div
MAX13020 toc12
RL = 1k
CL = 1nF
LOW SCOPE MODE
10.4kbps
LIN
5V/div
LIN TRANSMITTING LOW
SLOPE MODE
20
µs/div
TX
5V/div
RX
5V/div
MAX13020 toc13
RL = 660k
CL = 6.8nF
LOW SCOPE MODE
10.4kbps
LIN
5V/div
LIN TRANSMITTING LOW
SLOPE MODE
20
µs/div
TX
5V/div
RX
5V/div
MAX13020 toc14
RL = 500k
CL = 10nF
LOW SCOPE MODE
10.4kbps
LIN
5V/div
LIN TRANSMITTING LOW
SLOPE MODE


Similar Part No. - MAX13021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13021 MAXIM-MAX13021_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
More results

Similar Description - MAX13021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
logo
Linear Technology
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com