Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13013_0412 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX13013_0412
Description  1.2V to 3.6V, 0.1μA, 100Mbps, Single-/Dual-/Quad-Level Translators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13013_0412 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX13013_0412 Datasheet HTML 4Page - Maxim Integrated Products MAX13013_0412 Datasheet HTML 5Page - Maxim Integrated Products MAX13013_0412 Datasheet HTML 6Page - Maxim Integrated Products MAX13013_0412 Datasheet HTML 7Page - Maxim Integrated Products MAX13013_0412 Datasheet HTML 8Page - Maxim Integrated Products MAX13013_0412 Datasheet HTML 9Page - Maxim Integrated Products MAX13013_0412 Datasheet HTML 10Page - Maxim Integrated Products MAX13013_0412 Datasheet HTML 11Page - Maxim Integrated Products MAX13013_0412 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
+1.2V to +3.6V, 0.1µA, 100Mbps,
Single-/Dual-/Quad-Level Translators
8
_______________________________________________________________________________________
Test Circuits/Timing Diagrams
MAX13013
90%
50%
10%
I/O VCC_
I/O VL_
tRISE/FALL
≤ 3ns
I/OVL-VCC
CIOVCC
EN
I/O VL_
SOURCE
VL
VCC
I/O VCC_
I/OVL-VCC
tRVCC
tFVCC
90%
50%
10%
MAX13013
90%
50%
10%
SOURCE
I/O VCC_
I/O VCC_
I/O VL_
tRISE/FALL
≤ 3ns
I/OVCC-VL
EN
VL
VCC
I/OVCC-VL
tRVL
tFVL
90%
50%
10%
CIOVL_
I/O VL_
Figure 1. Driving I/O VL_ Test Circuit and Timing
Figure 2. Driving I/O VCC_ Test Circuit and Timing


Similar Part No. - MAX13013_0412

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13013EXT MAXIM-MAX13013EXT Datasheet
849Kb / 21P
   1.2V to 3.6V, 0.1uA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 1; 8/04
More results

Similar Description - MAX13013_0412

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13013 MAXIM-MAX13013 Datasheet
849Kb / 21P
   1.2V to 3.6V, 0.1uA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 1; 8/04
logo
STMicroelectronics
MAX3013 STMICROELECTRONICS-MAX3013 Datasheet
438Kb / 17P
   1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
logo
Maxim Integrated Produc...
MAX3013 MAXIM-MAX3013 Datasheet
443Kb / 17P
   1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
MAX3000E MAXIM-MAX3000E_08 Datasheet
216Kb / 25P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Rev 5; 8/08
MAX3005 MAXIM-MAX3005 Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3000E MAXIM-MAX3000E Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
logo
Pericom Semiconductor C...
PI4ULS3V16 PERICOM-PI4ULS3V16_13 Datasheet
333Kb / 7P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI4ULS3V08 PERICOM-PI4ULS3V08 Datasheet
751Kb / 8P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI4ULS3V16 PERICOM-PI4ULS3V16_07 Datasheet
446Kb / 10P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
logo
Maxim Integrated Produc...
MAX9420 MAXIM-MAX9420 Datasheet
352Kb / 13P
   Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com