Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11811_1009 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11811_1009
Description  Touch Evaluation System (TEVS)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11811_1009 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11811_1009 Datasheet HTML 1Page - Maxim Integrated Products MAX11811_1009 Datasheet HTML 2Page - Maxim Integrated Products MAX11811_1009 Datasheet HTML 3Page - Maxim Integrated Products MAX11811_1009 Datasheet HTML 4Page - Maxim Integrated Products MAX11811_1009 Datasheet HTML 5Page - Maxim Integrated Products MAX11811_1009 Datasheet HTML 6Page - Maxim Integrated Products MAX11811_1009 Datasheet HTML 7Page - Maxim Integrated Products MAX11811_1009 Datasheet HTML 8Page - Maxim Integrated Products MAX11811_1009 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
MAX11811 Touch Evaluation System (TEVS)
19-5520; Rev 0; 9/10
General Description
The MAX11811 touch evaluation system (TEVS)
demonstrates the rich features of the MAX11811 touch-
screen controller (TSC) and allows its evaluation. The TEVS
consists of a USB interface board (UTIBB+), MAX11811
evaluation kit (EV kit), and a 4-wire touch sensor
mounted with an linear resonant actuator (LRA) motor
(USB cable included).
The device is a complete resistive touch-sensor
controller
solution
that
targets
touch-enabled
devices with small- to medium-size displays. The device
enables miniaturization of consumer products due to its
ultra-small size. Its low power consumption makes it
attractive for portable devices.
The TEVS with haptics operates directly from the USB
power. Windows XP® and Windows® 7-compatible
software running on a PC interfaces to the TEVS board
through the computer’s USB communications port.
See the Quick Start section for setup and operating
instructions.
The EV kit daughter board provides a proven PCB layout
to facilitate evaluation of the device and must be inter-
faced to the appropriate I2C timing signals for proper
operation. See Figures 15, 16a, and 16b for connections
and appropriate voltage levels. Refer to the MAX11811
IC data sheet for timing requirements and register
addresses.
Features
Hardware
S
Complete Evaluation System Including
USB-to-Serial Interface (I2C) Board
S
Convenient Test Points Provided On-Board for
Digital Interface and Analog Signals
S
Interfaces to Common 4-Wire Resistive Touch
Sensors through Standard FPC Connectors
1.25mm Pitch
1mm Pitch
0.5mm Pitch
S
Built-In LDOs and Level Translators for Operation
with 1.8V, 3.0V, and 3.6V
S
IR-Based Driver and Proximity Sensor Included**
S
Integrated Haptic Controller and Driver Motor for
Motor-Based Haptic Feedback
Software
S
User-Friendly GUI Interface (Microsoft Windows
XP and Windows 7-Compatible USB Interface and
Drivers)
S
Easy Access to TSC Configuration Registers and
Status Registers
S
Direct and Autonomous Conversion-Mode
Demonstration Capability
S
Ability to Capture Raw Data and Display the Data
in Either Conversion Mode
S
Pseudo Multi-Touch Demonstration
+Denotes lead(Pb)-free and RoHS compliant.
*Mounted on a 0.125in x 3.5in x 9in Plexiglas base.
Ordering Information
EV System Contents List
Windows and Windows XP are registered trademarks of
Microsoft Corp.
**The GUI does not support this feature.
PART
TYPE
INTERFACE TYPE
MAX11811TEVS+
EV System
I2C
QTY
DESCRIPTION
1
Software and driver CD-ROM.
1*
EV kit daughter board (with the TSC mounted on it,
but can be separated from the TEVS for evaluation
of the TSC in the user setup).
1*
USB interface board (UTIBB+). This acts as a
gateway converting and accepting data from the
USB port to I2C for the EV kit. The EV kit plugs into
the UTIBB+.
1*
4-wire touch sensor mounted with an LRA motor.
1
USB cable for power and communication.


Similar Part No. - MAX11811_1009

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11811TEVS MAXIM-MAX11811TEVS Datasheet
6Mb / 23P
   Pseudo Multi-Touch Demonstration
Rev 0; 9/10
MAX11811TEVS++ MAXIM-MAX11811TEVS+ Datasheet
6Mb / 23P
   Pseudo Multi-Touch Demonstration
Rev 0; 9/10
More results

Similar Description - MAX11811_1009

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
logo
Exar Corporation
XRT5794ES EXAR-XRT5794ES Datasheet
1Mb / 11P
   Evaluation System
logo
Maxim Integrated Produc...
MAX17823HEVKIT MAXIM-MAX17823HEVKIT Datasheet
1Mb / 40P
   Evaluation System
Rev 1; 5/19
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
   MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
MAX17061EVKIT MAXIM-MAX17061EVKIT Datasheet
432Kb / 12P
   MAX17061 Evaluation Kit/Evaluation System
Rev 1; 10/08
MAX17105EVKIT MAXIM-MAX17105EVKIT Datasheet
712Kb / 14P
   MAX17105 Evaluation Kit/Evaluation System
Rev 0; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com