Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9923FEUB+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9923FEUB+
Description  Ultra-Precision, High-Side Current-Sense Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9923FEUB+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9923FEUB+ Datasheet HTML 1Page - Maxim Integrated Products MAX9923FEUB+ Datasheet HTML 2Page - Maxim Integrated Products MAX9923FEUB+ Datasheet HTML 3Page - Maxim Integrated Products MAX9923FEUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX9923FEUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX9923FEUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX9923FEUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX9923FEUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX9923FEUB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX9922/MAX9923 ultra-precision, high-side cur-
rent-sense amplifiers feature ultra-low offset voltage
(VOS) of 25µV (max) and laser-trimmed gain accuracy
better than 0.5%. The combination of low VOS and high-
gain accuracy allows precise current measurements
even at very small sense voltages.
The MAX9922/MAX9923 are capable of both unidirec-
tional and bidirectional operation. For unidirectional
operation, connect REF to GND. For bidirectional oper-
ation, connect REF to VDD/2.
The MAX9922 has adjustable gain set with two external
resistors. The MAX9923T/MAX9923H/MAX9923F use an
internal laser-trimmed resistor for fixed gain of 25V/V,
100V/V, and 250V/V, respectively. The devices operate
from a +2.85V to +5.5V single supply, independent
of the input common-mode voltage, and draw only 700µA
operating supply current and less than 1µA in shutdown.
The +1.9V to +28V current-sense input common-mode
voltage range makes the MAX9922/MAX9923 ideal for
current monitoring in applications where high accuracy,
large common-mode measurement range, and mini-
mum full-scale VSENSE voltage is critical.
The MAX9922/MAX9923 use a spread-spectrum
autozeroing technique that constantly measures and
cancels the input offset voltage, eliminating drift over
time and temperature, and the effect of 1/f noise. This,
in conjunction with the indirect current-feedback tech-
nique, achieves less than 25µV (max) offset voltage.
The MAX9922/MAX9923 are available in a small 10-pin
µMAX® package and are specified over the -40°C to
+85°C extended temperature range.
Applications
Notebook/Desktop Power Management
Handheld Li+ Battery Current Monitoring
Precision Current Sources
Features
♦ Ultra-Precision VOS Over Temperature
MAX9922: ±10µV (max)
MAX9923T: ±25µV (max)
MAX9923H: ±20µV (max)
MAX9923F: ±10µV (max)
♦ ±0.5% (max) Full-Scale Gain Accuracy
♦ Bidirectional or Unidirectional ISENSE
♦ Multiple Gains Available
Adjustable (MAX9922)
+25V/V (MAX9923T)
+100V/V (MAX9923H)
+250V/V (MAX9923F)
♦ 1.9V to 28V Input Common-Mode Voltage,
Independent of VDD
♦ Supply Voltage: +2.85V to +5.5V
♦ 700µA Supply Current, 1µA Shutdown Current
♦ Extended Temperature Range (-40°C to +85°C)
♦ Available in Space-Saving 10-Pin µMAX
Ultra-Precision, High-Side
Current-Sense Amplifiers
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-4429; Rev 1; 1/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
EVALUATION
KIT
AVAILABLE
PART
PIN-
PACKAGE
TEMP
RANGE
GAIN (V/V)
MAX9922EUB+
10 µMAX
-40°C to +85°C
Adjustable
MAX9923TEUB+
10 µMAX
-40°C to +85°C
25
MAX9923HEUB+
10 µMAX
-40°C to +85°C
100
MAX9923FEUB+
10 µMAX
-40°C to +85°C
250
Pin Configuration
1
2
3
4
5
10
9
8
7
6
VDD
OUT
FB
REF
N.C.
RS-
RS+
RSB
MAX9922
MAX9923T
MAX9923H
MAX9923F
µMAX
TOP VIEW
GND
SHDN
+
Typical Operating Circuits appear at end of data sheet.
µMAX is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX9923FEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9923FEUB++ MAXIM-MAX9923FEUB+ Datasheet
406Kb / 14P
   Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 0; 3/09
More results

Similar Description - MAX9923FEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9922 MAXIM-MAX9922 Datasheet
406Kb / 14P
   Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 0; 3/09
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_1 Datasheet
276Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
   Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
logo
Linear Technology
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8640 TI1-LMP8640_14 Datasheet
1Mb / 32P
[Old version datasheet]   Precision High Voltage Current Sense Amplifiers
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com