Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9912EKA+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9912EKA+T
Description  200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9912EKA+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9912EKA+T Datasheet HTML 1Page - Maxim Integrated Products MAX9912EKA+T Datasheet HTML 2Page - Maxim Integrated Products MAX9912EKA+T Datasheet HTML 3Page - Maxim Integrated Products MAX9912EKA+T Datasheet HTML 4Page - Maxim Integrated Products MAX9912EKA+T Datasheet HTML 5Page - Maxim Integrated Products MAX9912EKA+T Datasheet HTML 6Page - Maxim Integrated Products MAX9912EKA+T Datasheet HTML 7Page - Maxim Integrated Products MAX9912EKA+T Datasheet HTML 8Page - Maxim Integrated Products MAX9912EKA+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
200kHz, 4µA, Rail-to-Rail
I/O Op Amps with Shutdown
_______________________________________________________________________________________
5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VSUPPLY (V)
5.0
4.2
2.6
3.4
2
3
4
5
7
6
8
9
1
1.8
5.5
DUAL
SINGLE
TA = +85
°C
TA = -40
°C
TA = +25
°C
TA = +85
°C
TA = -40
°C
TA = +25
°C
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
2
4
6
8
10
12
0
-40
85
INPUT OFFSET VOLTAGE
vs. INPUT COMMON-MODE VOLTAGE
VCM (V)
2.5
2.0
0.5
1.0
1.5
-750
-500
-250
0
250
500
750
1000
-1000
0
3.0
TA = +85
°C
TA = -40
°C
TA = +25
°C
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-300
-250
-200
-150
-100
-50
0
50
100
150
200
-350
-40
85
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
1k
100
10
1
-100
-80
-60
-40
-20
0
-120
0.1
10k
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-2
-1
0
1
2
3
4
5
6
7
-3
-40
85
IB+
IB-
INPUT BIAS CURRENT
vs. INPUT COMMON-MODE VOLTAGE
VCM (V)
3.0
2.5
1.5
2.0
0.5
1.0
0
-4
-3
-2
-1
0
1
2
3
4
5
-5
-0.5
3.5
COMMON-MODE REJECTION RATIO
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
20
40
60
80
100
120
140
0
-40
85
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
10
1100k
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
Typical Operating Characteristics
(VDD = 3V, VSS = VCM = 0V, RL to VDD / 2, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9912EKA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9912EKA+T MAXIM-MAX9912EKA+T Datasheet
514Kb / 15P
   200kHz, 4關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
More results

Similar Description - MAX9912EKA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9912EKA MAXIM-MAX9912EKA Datasheet
508Kb / 17P
   200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9910 MAXIM-MAX9910 Datasheet
514Kb / 15P
   200kHz, 4關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9914 MAXIM-MAX9914 Datasheet
502Kb / 15P
   1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9914 MAXIM-MAX9914_V01 Datasheet
838Kb / 12P
   1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
2014
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
ams AG
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4335 MAXIM-MAX4335 Datasheet
542Kb / 17P
   SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
Rev 1; 9/01
MAX4335 MAXIM-MAX4335_V01 Datasheet
2Mb / 16P
   SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
2021
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
   250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Maxim Integrated Produc...
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com