Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9650ATA+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9650ATA+
Description  High-Current VCOM Drive Op Amps for TFT LCDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9650ATA+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9650ATA+ Datasheet HTML 1Page - Maxim Integrated Products MAX9650ATA+ Datasheet HTML 2Page - Maxim Integrated Products MAX9650ATA+ Datasheet HTML 3Page - Maxim Integrated Products MAX9650ATA+ Datasheet HTML 4Page - Maxim Integrated Products MAX9650ATA+ Datasheet HTML 5Page - Maxim Integrated Products MAX9650ATA+ Datasheet HTML 6Page - Maxim Integrated Products MAX9650ATA+ Datasheet HTML 7Page - Maxim Integrated Products MAX9650ATA+ Datasheet HTML 8Page - Maxim Integrated Products MAX9650ATA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
High-Current VCOM Drive Op Amps
for TFT LCDs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 19V, VGND = 0V, VCM = VOUT = VDD/2, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2: Continuous output current is tested with one output at a time.
Note 3: See the
Thermal Shutdown with Temperature Hysteresis section.
Note 4: A series resistor can extend load capacitance range. The settling time can be optimized by a small series resistance. See
the
Applications Information section for more information.
Note 5: Inputs are protected by back-to-back diodes.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Load Capacitance
CLOAD
(Note 4)
150
nF
Noninverting Input Resistance
RIN+
(Note 5)
100
M
Ω
Inverting Input Resistance
RIN-
(Note 5)
100
M
Ω
Input Capacitance
CIN
3pF
Thermal Shutdown
+170
°C
Thermal Shutdown Hysteresis
15
°C
Typical Operating Characteristics
(VDD = 19V, GND = 0, VCM = VOUT = VDD/2, TA = +25°C, unless otherwise specified.)
-4
-2
-3
-1
2
3
1
0
4
6
9
12
15
18
21
INPUT OFFSET VOLTAGE DEVIATION
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +125
°C
TA = +25
°C
TA = -40
°C
0
2
1
4
3
7
6
5
8
-50
0
-25
25
50
75
100
125
INPUT OFFSET VOLTAGE DEVIATION
vs. TEMPERATURE
TEMPERATURE (
°C)
IOUT
(500mA/div)
VOUT
(125mV/div)
LOAD TRANSIENT
SOURCING
TIME (1
μs/div)
0.1A RESPONSE
1A RESPONSE
0.5A RESPONSE


Similar Part No. - MAX9650ATA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9650ATA++ MAXIM-MAX9650ATA+ Datasheet
329Kb / 12P
   High-Current VCOM Drive Op Amps for TFT LCDs
Rev 2; 5/09
MAX9650ATA++ MAXIM-MAX9650ATA+ Datasheet
613Kb / 13P
   High-Current VCOM Drive Op Amps for TFT LCDs
Rev 3; 2/10
MAX9650ATA++ MAXIM-MAX9650ATA+ Datasheet
1Mb / 9P
   High-Current VCOM Drive Op Amps for TFT LCDs
2018
More results

Similar Description - MAX9650ATA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9650 MAXIM-MAX9650 Datasheet
329Kb / 12P
   High-Current VCOM Drive Op Amps for TFT LCDs
Rev 2; 5/09
MAX9650 MAXIM-MAX9650_V01 Datasheet
1Mb / 9P
   High-Current VCOM Drive Op Amps for TFT LCDs
2018
MAX9650 MAXIM-MAX9650_10 Datasheet
613Kb / 13P
   High-Current VCOM Drive Op Amps for TFT LCDs
Rev 3; 2/10
MAX9550 MAXIM-MAX9550_07 Datasheet
497Kb / 12P
   High-Current VCOM Drive Buffers for TFT LCDs
Rev 3; 10/07
MAX9550 MAXIM-MAX9550 Datasheet
823Kb / 12P
   High-Current VCOM Drive Buffers for TFT LCDs
Rev 1; 2/06
MAX17100 MAXIM-MAX17100 Datasheet
818Kb / 35P
   Driver, VCOM Calibrator, and Op Amp for TFT LCDs
2010
MAX1886 MAXIM-MAX1886 Datasheet
284Kb / 7P
   High-Current VCOM Drive Buffer
Rev 0; 8/01
logo
Sharp Corporation
RB5P0070M SHARP-RB5P0070M Datasheet
81Kb / 2P
   Video Interface ICs for TFT-LCDs
RB5P0090M SHARP-RB5P0090M Datasheet
38Kb / 1P
   Video Interface ICs for TFT-LCDs
logo
List of Unclassifed Man...
ACX300 ETC-ACX300 Datasheet
39Kb / 2P
   Low-temperature Polysilicon TFT LCDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com