Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9616 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9616
Description  Low-Power Single/Dual, Rail-to-Rail Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9616 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9616 Datasheet HTML 1Page - Maxim Integrated Products MAX9616 Datasheet HTML 2Page - Maxim Integrated Products MAX9616 Datasheet HTML 3Page - Maxim Integrated Products MAX9616 Datasheet HTML 4Page - Maxim Integrated Products MAX9616 Datasheet HTML 5Page - Maxim Integrated Products MAX9616 Datasheet HTML 6Page - Maxim Integrated Products MAX9616 Datasheet HTML 7Page - Maxim Integrated Products MAX9616 Datasheet HTML 8Page - Maxim Integrated Products MAX9616 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Low-Power Single/Dual, Rail-to-Rail Op Amps
19-5302; Rev 0; 8/10
Typical Application Circuit
General Description
The MAX9614/MAX9616 are low-power precision op
amps that feature precision MOS inputs.
These devices are ideal for a large number of signal pro-
cessing applications such as photodiode transimped-
ance amplifiers and filtering/amplification of a wide
variety of signals in industrial equipment. The devices
also feature excellent RF immunity, making them ideal for
portable applications.
The MAX9614/MAX9616 are capable of operating from
a 2.5V to 5.5V supply voltage over the -40NC to +125NC
automotive temperature range.
Both singles and duals are available in tiny SC70 pack-
ages. The MAX9614 features an active-low shutdown pin.
Applications
Notebooks, Portable Media Players
Industrial and Medical Sensors
General Purpose Signal Processing
Features
S
VCC = 2.5V to 5.5V (-40°C to +125°C)
S
Low 100µV (max) VOS
S
1µA Supply Current in Shutdown, 175µA Operating
S
Small SC70 Package
S
2.8MHz Bandwidth
S
Excellent RF Immunity
+Denotes lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
Ordering Information
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
MAX9614AXT+T
-40NC to
+125NC
6 SC70
+ADL
MAX9616AXA+T
-40NC to
+125NC
8 SC70
+AAE
VCC
VCC/2
20kI
100nF
INPUT
1.21kI
20kI
MAX9614
MAX11613
66.5kI
66.5kI
220pF
ADC
121kI
USING THE MAX9614 OUTPUT AMPLIFIER AS AN ANTI-ALIASING FILTER (CORNER FREQUENCY = 1.3kHz) TO MAXIMIZE NYQUIST BANDWIDTH.
4.7nF


Similar Part No. - MAX9616

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX9610 MAXIM-MAX9610 Datasheet
224Kb / 11P
   1μA, μDFN/SC70, Lithium-Ion Battery,Precision Current-Sense Amplifier
MAX9610FELT+T MAXIM-MAX9610FELT+T Datasheet
224Kb / 11P
   1μA, μDFN/SC70, Lithium-Ion Battery,Precision Current-Sense Amplifier
MAX9610FEXK+T MAXIM-MAX9610FEXK+T Datasheet
224Kb / 11P
   1μA, μDFN/SC70, Lithium-Ion Battery,Precision Current-Sense Amplifier
More results

Similar Description - MAX9616

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9613 MAXIM-MAX9613 Datasheet
1Mb / 12P
   Low-Power, High-Efficiency, Single/Dual, Rail-to-Rail I/O Op Amps
Rev 0; 8/10
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
logo
Linear Technology
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
logo
Maxim Integrated Produc...
MAX4322 MAXIM-MAX4322 Datasheet
226Kb / 12P
   Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com