Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8568A Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8568A
Description  Complete Backup-Management ICs for Lithium and NiMH Batteries
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8568A Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8568A_05 Datasheet HTML 4Page - Maxim Integrated Products MAX8568A_05 Datasheet HTML 5Page - Maxim Integrated Products MAX8568A_05 Datasheet HTML 6Page - Maxim Integrated Products MAX8568A_05 Datasheet HTML 7Page - Maxim Integrated Products MAX8568A_05 Datasheet HTML 8Page - Maxim Integrated Products MAX8568A_05 Datasheet HTML 9Page - Maxim Integrated Products MAX8568A_05 Datasheet HTML 10Page - Maxim Integrated Products MAX8568A_05 Datasheet HTML 11Page - Maxim Integrated Products MAX8568A_05 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Complete Backup-Management ICs
for Lithium and NiMH Batteries
8
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1IN
Main Battery Input. Connect to a 2.8V to 5.5V battery or other power source. Bypass with a 4.7µF
ceramic capacitor to GND.
2BK
Backup Battery Input. Connect to an NiMH or rechargeable lithium backup battery. Connect a ceramic
bypass capacitor from BK to GND. See the Step-Up Capacitor Selection section for more details.
3
PGND
Power Ground. Connect PGND to the ground side of the BK input capacitor and BKSU output
capacitor. Use this connection as the star point for all grounds. See the PC Board Layout and Routing
section for specific instructions regarding PGND.
4LX
Inductor Connection for Low-IQ Step-Up DC-DC Converter
5
BKSU
Step-Up Converter Output. Bypass with a 10µF to 22µF ceramic capacitor to PGND. The BKSU output
voltage is set to either 3.3V or 2.5V without resistors, or to an adjustable voltage with an external
resistor-divider. See the Setting the Step-Up Converter Voltage section.
6
LDO
2.5V (MAX8568A) or 1.8V (MAX8568B), 10mA LDO Output for Memory Supply. LDO is powered from
BKSU. Bypass with a 4.7µF ceramic capacitor to GND.
7
OD1
11
Ω Open-Drain Output. OD1 drives the gate of an external pMOS switch.
8
OD2
11
Ω Open-Drain Output. OD2 drives the gate of an external pMOS switch.
9
NI/LI
Selects NiMH or Rechargeable Lithium Backup Battery. Connect NI/LI to BKSU if an NiMH backup
battery is used. Connect NI/LI to GND if a rechargeable lithium backup battery is used.
10
BKV
Sets the BKSU Output Voltage. Connect to GND for 3.3V output at BKSU. Connect to BKSU for 2.5V
output. Connect to the midpoint of a resistor-divider connected from BKSU to GND for adjustable
output. See the Setting the Step-Up Converter Voltage section.
11
INOK
Main Battery Monitor. When VINOK falls below 2.43V, charging stops and backup mode starts. The
step-up converter and LDO turn on, and OD1 and OD2 go high impedance.
12
CHGI
Sets Backup Battery Charge Current. Connect a resistor from CHGI to GND to set the charge current.
See the Setting the Charge Current section for details.
13
GND
Ground. Connect to the exposed paddle. Star all grounds at the BKSU output capacitor ground.
14
STRTV
Sets Fast-Charge Start Voltage for NiMH. See the Using an NiMH Backup Battery section.
15
TERMV
Sets Fast-Charge Stop Voltage for NiMH, as Well as the Battery Regulation Voltage for Both
Rechargeable Lithium and Maximum Voltage for NiMH. See the Using a Lithium Backup Battery
section and the Using an NiMH Backup Battery section.
16
REF
Reference Output. Bypass with a 0.22µF ceramic capacitor to GND.
EP
Exposed Paddle. Connect to the analog ground plane. EP also functions as a heatsink. Solder to the
circuit-board analog ground plane.


Similar Part No. - MAX8568A_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8568AETE MAXIM-MAX8568AETE Datasheet
367Kb / 17P
   Complete Backup-Management ICs for Lithium and NiMH Batteries
Rev 0; 11/04
More results

Similar Description - MAX8568A_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8568A MAXIM-MAX8568A Datasheet
367Kb / 17P
   Complete Backup-Management ICs for Lithium and NiMH Batteries
Rev 0; 11/04
MAX8672 MAXIM-MAX8672 Datasheet
258Kb / 17P
   Complete Backup Management IC for NiMH Batteries
Rev 0; 11/06
logo
NXP Semiconductors
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002ESNTR TI1-BQ2002ESNTR Datasheet
273Kb / 15P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
logo
Toshiba Semiconductor
TPC8134 TOSHIBA-TPC8134 Datasheet
269Kb / 9P
   Lithium-Ion Secondary Batteries Power Management Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com