Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT381 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PT381
Description  High Sensitivity, f 3mm Resin Mold Type Phototransistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT381 Datasheet(HTML) 1 Page - Sharp Corporation

  PT381 Datasheet HTML 1Page - Sharp Corporation PT381 Datasheet HTML 2Page - Sharp Corporation PT381 Datasheet HTML 3Page - Sharp Corporation PT381 Datasheet HTML 4Page - Sharp Corporation PT381 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2. Optoelectronic switches
*1 For 3 seconds at the position of 1.4mm from the bottom face of resin package
PT380/PT380F/PT381/PT381F
s Features
s Applications
1. High sensitivity
1. Floppy disk drives
3. Infrared applied systems
(2.54)
Mark (red)
(PT381F)
g Epoxy resin
PT380
Transparent resin
PT381
Light blue transparent resin
PT381F
(black)
g Epoxy resin
( IC : MIN.160
µ A at E
V
( IC : MIN.120
µ A at E
V
)
3. Intermediate acceptance (
∆θ : TYP. ± 20˚ )
(Ta = 25˚C )
s Outline Dimensions
(Unit : mm )
Single photo-
transistor output
Darlington photo-
transistor output
No visible
filter
light cut-off
PT380
PT381
Built-in
cut-off filter
visible light
PT380F
PT381F
PT380F /
Visible light
12
22
1
1
1 Emitter
2 Collector
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
4. Visible light cut-off type : PT380F / PT381F
Parameter
Symbol
Rating
Unit
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
20
mA
Collector power dissipation
P C
50
mW
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 40 to + 85
˚C
*1 Soldering temperature
T sol
260
˚C
PT380
PT380F
PT381
PT381F
PT380/PT380F
PT381/PT381F
Phototransistor
Cut-off resin
s Model Line-ups
PT381
x,
High Sensitivity,
φ 3mm Resin Mold Type
= 100lx, PT380 )
=2l
2. Compact
φ 3mm resin mold package
φ3.8±0.2
φ 3.0± 0.15
2 - 0.5
+
0.15
- 0.1
s Absolute Maximum Ratings


Similar Part No. - PT381

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT380024 MACOM-PT380024 Datasheet
721Kb / 4P
   Miniature Relay PT
More results

Similar Description - PT381

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S4404-01 HAMAMATSU-S4404-01 Datasheet
190Kb / 2P
   High sensitivity phototransistor
logo
Renesas Technology Corp
AC12DSMA RENESAS-AC12DSMA Datasheet
413Kb / 8P
   12 A RESIN MOLD TYPE TRIAC
April 1st, 2010
5P4SMA RENESAS-5P4SMA Datasheet
406Kb / 8P
   5 A RESIN MOLD TYPE SCR
1988
AC10DSMA RENESAS-AC10DSMA Datasheet
404Kb / 8P
   10 A RESIN MOLD TYPE TRIAC
April 1st, 2010
8P2SMA RENESAS-8P2SMA Datasheet
410Kb / 8P
   8 A RESIN MOLD TYPE SCR
2011
AC05DSMA RENESAS-AC05DSMA Datasheet
421Kb / 8P
   5 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC03DSMA RENESAS-AC03DSMA Datasheet
363Kb / 8P
   3 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC08DSMA RENESAS-AC08DSMA Datasheet
285Kb / 8P
   8 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC16DSMA RENESAS-AC16DSMA Datasheet
403Kb / 8P
   16 A RESIN MOLD TYPE TRIAC
April 1st, 2010
logo
Sharp Corporation
GL420 SHARP-GL420 Datasheet
96Kb / 3P
   RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com