Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6971 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6971
Description  16-Port, 36V Constant-Current LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6971 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6971 Datasheet HTML 1Page - Maxim Integrated Products MAX6971 Datasheet HTML 2Page - Maxim Integrated Products MAX6971 Datasheet HTML 3Page - Maxim Integrated Products MAX6971 Datasheet HTML 4Page - Maxim Integrated Products MAX6971 Datasheet HTML 5Page - Maxim Integrated Products MAX6971 Datasheet HTML 6Page - Maxim Integrated Products MAX6971 Datasheet HTML 7Page - Maxim Integrated Products MAX6971 Datasheet HTML 8Page - Maxim Integrated Products MAX6971 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
16-Port, 36V Constant-Current LED Driver
_______________________________________________________________________________________
3
5V TIMING CHARACTERISTICS
(Typical Operating Circuit, V+ = 4.5V to 5.5V, TA = TMIN to TMAX, unless otherwise noted.) (Notes 1, 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CLK Clock Period
tCP
40
ns
CLK Pulse-Width High
tCH
19
ns
CLK Pulse-Width Low
tCL
19
ns
DIN Setup Time
tDS
4ns
DIN Hold Time
tDH
8ns
DOUT Propagation Delay
tDO
12
32
ns
DOUT Rise and Fall Time
tDR, tDF
CDOUT = 10pF, 20% to 80%
10
ns
LE Pulse-Width High
tLW
20
ns
LE Setup Time
tLS
10
ns
LE Rising to OUT_ Rising Delay
tLRR
(Note 3)
100
ns
LE Rising to OUT_ Falling Delay
tLRF
(Note 3)
300
ns
CLK Rising to OUT_ Rising Delay
tCRR
(Note 3)
100
ns
CLK Rising to OUT_ Falling Delay
tCRF
(Note 3)
310
ns
OE Rising to OUT_ Rising Delay
tOEH
(Note 3)
100
ns
OE Falling to OUT_ Falling Delay
tOEL
(Note 3)
320
ns
LED Output OUT_ Turn-On Fall
Time
tf
80% to 20%, pullup resistor = 65
Ω
120
ns
LED Output OUT_ Turn-Off Rise
Time
tr
20% to 80%, pullup resistor = 65
Ω
120
ns
Note 1: All parameters tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: See Figure 3.
Note 3: A 65
Ω pullup resistor connected from OUT_ to 5.5V.


Similar Part No. - MAX6971

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6971 MAXIM-MAX6971 Datasheet
304Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
MAX6971ANG MAXIM-MAX6971ANG Datasheet
304Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
MAX6971AUG MAXIM-MAX6971AUG Datasheet
304Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
More results

Similar Description - MAX6971

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6971 MAXIM-MAX6971 Datasheet
304Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
MAX6969 MAXIM-MAX6969_V01 Datasheet
204Kb / 12P
   16-Port, 5.5V Constant-Current LED Driver
2010
MAX6969 MAXIM-MAX6969_07 Datasheet
235Kb / 13P
   16-Port, 5.5V Constant-Current LED Driver
Rev 2; 9/07
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
   High Efficiency, Constant Current 36V LED driver
logo
XLSEMI
XL3005 XLSEMI-XL3005 Datasheet
391Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
logo
List of Unclassifed Man...
XL3003 ETC2-XL3003 Datasheet
444Kb / 14P
   4A 220KHz 36V Buck LED Constant Current Driver
XL3005 ETC2-XL3005 Datasheet
362Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com