Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6964ATG Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6964ATG
Description  17-Output LED Driver/GPO with Intensity Control and Hot-Insertion Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6964ATG Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6964ATG Datasheet HTML 1Page - Maxim Integrated Products MAX6964ATG Datasheet HTML 2Page - Maxim Integrated Products MAX6964ATG Datasheet HTML 3Page - Maxim Integrated Products MAX6964ATG Datasheet HTML 4Page - Maxim Integrated Products MAX6964ATG Datasheet HTML 5Page - Maxim Integrated Products MAX6964ATG Datasheet HTML 6Page - Maxim Integrated Products MAX6964ATG Datasheet HTML 7Page - Maxim Integrated Products MAX6964ATG Datasheet HTML 8Page - Maxim Integrated Products MAX6964ATG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
17-Output LED Driver/GPO with
Intensity Control and Hot-Insertion Protection
4
_______________________________________________________________________________________
PORT OUTPUT LOW VOLTAGE WITH 50mA
LOAD CURRENT vs. TEMPERATURE
0.1
0.2
0.3
0.4
0.5
0.6
0
TEMPERATURE (°C)
110
95
65 80
-10 5
20 35 50
-25
-40
125
V+ = 3.6V
V+ = 2.7V
V+ = 2V
PORT OUTPUT LOW VOLTAGE WITH 20mA
LOAD CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
0.1
0.2
0.3
0.4
0.5
0.6
0
-40
125
ALL OUTPUTS LOADED
V+ = 3.6V
V+ = 2.7V
V+ = 2V
PWM CLOCK FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
-40
125
V+ = 3.6V
V+ = 2.7V
V+ = 2V
0.925
0.950
0.975
1.000
1.025
1.050
0.900
NORMALIZED TO V+ = 3.3V, TA = 25°C
STANDBY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
110
95
65 80
-10 5
20 35 50
-25
1
2
3
4
5
6
7
8
9
10
0
-40
125
V+ = 3.6V
PWM ENABLED
V+ = 2.7V
PWM ENABLED
V+ = 2V
PWM DISABLED
V+ = 2.7V
PWM DISABLED
V+ = 3.6V
PWM
DISABLED
V+ = 2V
PWM ENABLED
SUPPLY CURRENT vs. TEMPERATURE
(PWM DISABLED; fSCL = 400kHz)
TEMPERATURE (°C)
110
95
65 80
-10 5
20 35 50
-25
10
20
30
40
50
60
70
0
-40
125
V+ = 3.6V
V+ = 2.7V
V+ = 2V
5
10
15
20
25
30
35
40
45
50
55
60
65
70
0
SUPPLY CURRENT vs. TEMPERATURE
(PWM ENABLED; fSCL = 400kHz)
TEMPERATURE (°C)
110
95
65 80
-10 5
20 35 50
-25
-40
125
V+ = 3.6V
V+ = 2.7V
V+ = 2V
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
TIMING CHARACTERISTICS (continued)
(Typical Operating Circuit, V+ = 2V to 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = 3.3V, TA = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Capacitive Load for Each Bus Line
Cb
(Note 3)
400
pF
RST Pulse Width
tW
1ns
Output Data Valid
tDV
Figure 10
5
ns
Note 1: All parameters tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: A master device must provide a hold time of at least 300ns for the SDA signal (referred to VIL of the SCL signal) to bridge
the undefined region of SCL’s falling edge.
Note 3: Guaranteed by design.
Note 4: Cb = total capacitance of one bus line in pF. tR and tF measured between 0.3 x VDD and 0.7 x VDD.
Note 5: ISINK ≤ 6mA. Cb = total capacitance of one bus line in pF. tR and tF measured between 0.3 x VDD and 0.7 x VDD.
Note 6: Input filters on the SDA and SCL inputs suppress noise spikes less than 50ns.


Similar Part No. - MAX6964ATG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6964ATG MAXIM-MAX6964ATG Datasheet
724Kb / 23P
   17- OUTPUT LED DRIVER/GPO
More results

Similar Description - MAX6964ATG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6965 MAXIM-MAX6965 Datasheet
326Kb / 22P
   9-Output LED Driver with Intensity Control and Hot-Insertion Protection
Rev 3; 3/05
MAX7314 MAXIM-MAX7314 Datasheet
402Kb / 25P
   18-Port GPIO with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
4206K MAXIM-4206K Datasheet
724Kb / 23P
   17- OUTPUT LED DRIVER/GPO
MAX7313 MAXIM-MAX7313 Datasheet
414Kb / 27P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
   10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
logo
Texas Instruments
TCA6507 TI-TCA6507_10 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507 TI-TCA6507 Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
logo
Maxim Integrated Produc...
MAX6946 MAXIM-MAX6946 Datasheet
267Kb / 24P
   10-Port, Constant-Current LED Driver and I/O Expander with PWM Intensity Control
Rev 3; 2/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com