Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6680MEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6680MEE
Description  ±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6680MEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6680MEE Datasheet HTML 4Page - Maxim Integrated Products MAX6680MEE Datasheet HTML 5Page - Maxim Integrated Products MAX6680MEE Datasheet HTML 6Page - Maxim Integrated Products MAX6680MEE Datasheet HTML 7Page - Maxim Integrated Products MAX6680MEE Datasheet HTML 8Page - Maxim Integrated Products MAX6680MEE Datasheet HTML 9Page - Maxim Integrated Products MAX6680MEE Datasheet HTML 10Page - Maxim Integrated Products MAX6680MEE Datasheet HTML 11Page - Maxim Integrated Products MAX6680MEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ply hum. In noisy environments, high-frequency noise
reduction is needed for high-accuracy remote mea-
surements. The noise can be reduced with careful PC
board layout and proper external noise filtering.
High-frequency EMI is best filtered at DXP and DXN
with an external 2200pF capacitor. Larger capacitor
values can be used for added filtering, but do not
exceed 3300pF because it can introduce errors due to
the rise time of the switched current source.
PC Board Layout
Follow these guidelines to reduce the measurement
error of the temperature sensors:
1) Place the MAX6680/MAX6681 as close as is practi-
cal to the remote diode. In noisy environments, such
as a computer motherboard, this distance can be
4in to 8in (typ). This length can be increased if the
worst noise sources are avoided. Noise sources
include CRTs, clock generators, memory buses, and
ISA/PCI buses.
2) Do not route the DXP-DXN lines next to the deflec-
tion coils of a CRT. Also, do not route the traces
across fast digital signals, which can easily intro-
duce 30°C error, even with good filtering.
3) Route the DXP and DXN traces in parallel and in
close proximity to each other, away from any higher
voltage traces, such as 12VDC. Leakage currents
from PC board contamination must be dealt with care-
fully since a 20MΩ leakage path from DXP to ground
causes about 1°C error. If high-voltage traces are
unavoidable, connect guard traces to GND on either
side of the DXP-DXN traces (Figure 2).
4) Route through as few vias and crossunders as pos-
sible to minimize copper/solder thermocouple
effects.
5) When introducing a thermocouple, make sure that
both the DXP and the DXN paths have matching
thermocouples. A copper-solder thermocouple
exhibits 3µV/°C, and it takes about 200µV of voltage
error at DXP-DXN to cause a 1°C measurement
error. Adding a few thermocouples causes a negligi-
ble error.
6) Use wide traces. Narrow traces are more inductive
and tend to pick up radiated noise. The 10mil widths
and spacings that are recommended in Figure 2 are
not absolutely necessary, as they offer only a minor
improvement in leakage and noise over narrow
traces. Use wider traces when practical.
7) Add a 200Ω resistor in series with VCC for best noise
filtering (see the Typical Operating Circuit).
Twisted-Pair and Shielded Cables
Use a twisted-pair cable to connect the remote sensor
for remote-sensor distances longer than 8in or in very
noisy environments. Twisted-pair cable lengths can be
between 6ft and 12ft before noise introduces excessive
errors. For longer distances, the best solution is a
shielded twisted pair like that used for audio micro-
phones. For example, Belden 8451 works well for dis-
tances up to 100ft in a noisy environment. At the
device, connect the twisted pair to DXP and DXN and
the shield to GND. Leave the shield unconnected at the
remote sensor.
For very long cable runs, the cable’s parasitic capaci-
tance often provides noise filtering, so the 2200pF
capacitor can often be removed or reduced in value.
Cable resistance also affects remote-sensor accuracy.
For every 1Ω of series resistance, the error is approxi-
mately 1/2°C error.
Low-Power Standby Mode
Standby mode reduces the supply current to less than
10µA by disabling the ADC. Enter hardware standby by
forcing the
STBY pin low, or enter software standby by
setting the RUN/STOP bit to 1 in the Configuration Byte
register. Hardware and software standbys are very sim-
ilar: all data is retained in memory, and the SMB inter-
face is alive and listening for SMBus commands, but
the SMBus timeout is disabled. The only difference is
that in software standby mode, the One-Shot command
initiates a conversion. With hardware standby, the One-
Shot command is ignored. Activity on the SMBus caus-
es the device to draw extra supply current (see the
Typical Operating Characteristics).
Driving the
STBY pin low overrides any software con-
version command. If a hardware or software standby
command is received while a conversion is in progress,
the conversion cycle is interrupted, and the tempera-
±1°C Fail-Safe Remote/Local Temperature
Sensors with SMBus Interface
8
_______________________________________________________________________________________
MINIMUM
10mils
10mils
10mils
10mils
GND
DXN
DXP
GND
Figure 2. Recommended DXP-DXN PC Traces


Similar Part No. - MAX6680MEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6680MEE MAXIM-MAX6680MEE Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
More results

Similar Description - MAX6680MEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
   1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC10 TI-THMC10 Datasheet
269Kb / 20P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com