Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6035BAUR30-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6035BAUR30-T
Description  High-Supply-Voltage, Precision Voltage Reference in SOT23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6035BAUR30-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6035BAUR30-T Datasheet HTML 1Page - Maxim Integrated Products MAX6035BAUR30-T Datasheet HTML 2Page - Maxim Integrated Products MAX6035BAUR30-T Datasheet HTML 3Page - Maxim Integrated Products MAX6035BAUR30-T Datasheet HTML 4Page - Maxim Integrated Products MAX6035BAUR30-T Datasheet HTML 5Page - Maxim Integrated Products MAX6035BAUR30-T Datasheet HTML 6Page - Maxim Integrated Products MAX6035BAUR30-T Datasheet HTML 7Page - Maxim Integrated Products MAX6035BAUR30-T Datasheet HTML 8Page - Maxim Integrated Products MAX6035BAUR30-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX6035 is a high-voltage, precision micropower
voltage reference. This three-terminal device is available
with output voltage options of 2.5V, 3.0V, and 5.0V. It is an
excellent upgrade for industry-standard devices such as
the REF02 and REF43. The MAX6035 offers 14x lower
power than the REF02 and 5x lower power than the
REF43, as well as a reduced package size from an 8-pin
SO to a 3-pin SOT23. The MAX6035 features a proprietary
temperature coefficient curvature-correction circuit and
laser-trimmed, thin-film resistors that result in a very low
temperature coefficient of 25ppm/°C (max) and an initial
accuracy of ±0.2% (max).
The MAX6035 typically draws only 73µA of supply cur-
rent and can source 10mA or sink 2mA of load current.
Unlike conventional shunt-mode (two-terminal) refer-
ences that waste supply current and require an external
resistor, this device offers a supply current that is virtu-
ally independent of the supply voltage and does not
require an external resistor. Additionally, this internally
compensated device does not require an external com-
pensation capacitor, but is also stable with capacitive
loads up to 5µF. Eliminating the external compensation
capacitor saves valuable board area in space-critical
applications. The supply independent, ultra-low supply
current makes this device ideal for battery-operated,
high-performance systems.
The MAX6035 is available in a 3-pin SOT23 package
and is specified for operation from -40°C to +125°C.
Applications
Features
o Wide Supply Voltage Range: Up to 33V
o 25ppm/°C (max) Temperature Coefficient
(-40°C to +85°C)
o ±0.2% (max) Initial Accuracy
o 95µA (max) Quiescent Supply Current
o 10mA Source Current, 2mA Sink Current
o No Output Capacitor Required
o Stable with Capacitive Loads up to 5µF
High-Supply-Voltage, Precision
Voltage Reference in SOT23
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2606; Rev 3; 11/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX6035AAUR25-T
-40°C to +125°C
3 SOT23-3
FZMW
MAX6035BAUR25-T
-40°C to +125°C
3 SOT23-3
FZMX
MAX6035ESA25
-40°C to +85°C
8 SO
MAX6035AAUR30-T
-40°C to +125°C
3 SOT23-3
FZMY
MAX6035BAUR30-T
-40°C to +125°C
3 SOT23-3
FZMZ
MAX6035AAUR50-T
-40°C to +125°C
3 SOT23-3
FZNA
MAX6035BAUR50-T
-40°C to +125°C
3 SOT23-3
FZNB
PART
MAXIMUM
TEMPCO
(ppm/°C)
(-40°C to +85°C)
MAXIMUM
INITIAL
ACCURACY
(%)
OUTPUT
VOLTAGE
(V)
MAX6035AAUR25
25
0.20
2.5
MAX6035BAUR25
65
0.50
2.5
MAX6035ESA25
40
0.20
2.5
MAX6035AAUR30
25
0.20
3.0
MAX6035BAUR30
65
0.50
3.0
MAX6035AAUR50
25
0.20
5.0
MAX6035BAUR50
65
0.50
5.0
Selector Guide
OUT
1
3
GND
IN
MAX6035
SOT23
TOP VIEW
2
OUT
N.C.
GND
1
2
8
7
N.C.
N.C.
IN
N.C.
N.C.
SO
3
4
6
5
MAX6035
Pin Configurations
MAX6035
0.1
µF*
*CAPACITOR IS OPTIONAL.
REFERENCE
OUT
OUT
IN
GND
+SUPPLY INPUT (SEE SELECTOR GUIDE)
Typical Operating Circuit
4mA to 20mA Industrial
Control Loops
Li+ Battery Chargers
12-Bit A/D and D/A
Converters
Digital Multimeters
Portable Data-Acquisition
Systems
Low-Power Test
Equipment
Note: The 3-pin SOT23 package code is U3-1. The 8-pin SO
package code is S8-2.


Similar Part No. - MAX6035BAUR30-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6035BAUR30-T MAXIM-MAX6035BAUR30-T Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
More results

Similar Description - MAX6035BAUR30-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6033 MAXIM-MAX6033_12 Datasheet
343Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 3; 3/12
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
MAX6033 MAXIM-MAX6033_V01 Datasheet
1Mb / 13P
   High-Precision, Low-Dropout SOT23 Series Voltage Reference
2021
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com