Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6029 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6029
Description  Ultra-Low-Power Precision Series Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6029 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6029_06 Datasheet HTML 5Page - Maxim Integrated Products MAX6029_06 Datasheet HTML 6Page - Maxim Integrated Products MAX6029_06 Datasheet HTML 7Page - Maxim Integrated Products MAX6029_06 Datasheet HTML 8Page - Maxim Integrated Products MAX6029_06 Datasheet HTML 9Page - Maxim Integrated Products MAX6029_06 Datasheet HTML 10Page - Maxim Integrated Products MAX6029_06 Datasheet HTML 11Page - Maxim Integrated Products MAX6029_06 Datasheet HTML 12Page - Maxim Integrated Products MAX6029_06 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Ultra-Low-Power Precision Series
Voltage Reference
_______________________________________________________________________________________
9
LINE REGULATION
(VOUT = 2.048V)
INPUT VOLTAGE (V)
11.5
10.0
7.0
8.5
5.5
4.0
2.04774
2.04776
2.04778
2.04780
2.04782
2.04784
2.04786
2.04788
2.04790
2.04792
2.04772
2.5
13.0
LOAD REGULATION
(VOUT = 3V)
OUTPUT CURRENT (mA)
6
5
3
4
0
1
2
-1
3.0015
3.0020
3.0025
3.0030
3.0035
3.0040
3.0045
3.0050
3.0055
3.0010
-2
7
LINE REGULATION
(VOUT = 3V)
INPUT VOLTAGE (V)
12
11
10
9
8
7
6
5
4
3.00160
3.00165
3.00170
3.00175
3.00180
3.00155
313
LOAD REGULATION
(VOUT = 5V)
OUTPUT CURRENT (mA)
6
5
3
4
0
1
2
-1
5.0015
5.0020
5.0025
5.0030
5.0035
5.0040
5.0045
5.0050
5.0005
5.0010
-2
7
LINE REGULATION
(VOUT = 5V)
INPUT VOLTAGE (V)
12
11
6
7
8
9
10
5.00066
5.00068
5.00070
5.00072
5.00074
5.00076
5.00078
5.00080
5.00064
513
POWER-SUPPLY REJECTION RATIO vs.
FREQUENCY (VOUT = 2.048V)
FREQUENCY (kHz)
100
10
1
-50
-40
-30
-20
-10
0
-60
0.1
1000
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY (VOUT = 3V)
FREQUENCY (kHz)
100
10
1
-50
-40
-30
-20
-10
0
-60
0.1
1000
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY (VOUT = 5V)
FREQUENCY (kHz)
100
10
1
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
-50
0.1
1000
Typical Operating Characteristics (continued)
(VIN = 2.5V for MAX6029EUK21, VIN = 3.2V for MAX6029EUK30, and VIN = 5.2V for MAX6029EUK50, IOUT = 0, TA = +25°C, unless
otherwise noted.)
LINE-TRANSIENT RESPONSE
(VOUT = 2.048V)
MAX6029 toc18
200
µs/div
3V
2.5V
2.048V
VIN
200mV/div
AC-COUPLED
VOUT
200mV/div
AC-COUPLED


Similar Part No. - MAX6029_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6029ESA25 MAXIM-MAX6029ESA25 Datasheet
717Kb / 16P
   Ultra-Low-Power Precision Series Voltage Reference
Rev 2; 11/06
MAX6029ESA25++ MAXIM-MAX6029ESA25+ Datasheet
448Kb / 15P
   Ultra-Low-Power Precision Series Voltage Reference
2009
MAX6029ESA41 MAXIM-MAX6029ESA41 Datasheet
717Kb / 16P
   Ultra-Low-Power Precision Series Voltage Reference
Rev 2; 11/06
MAX6029ESA41++ MAXIM-MAX6029ESA41+ Datasheet
448Kb / 15P
   Ultra-Low-Power Precision Series Voltage Reference
2009
MAX6029EUK21+T MAXIM-MAX6029EUK21+T Datasheet
448Kb / 15P
   Ultra-Low-Power Precision Series Voltage Reference
2009
More results

Similar Description - MAX6029_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6029EUK30T MAXIM-MAX6029EUK30T Datasheet
717Kb / 16P
   Ultra-Low-Power Precision Series Voltage Reference
Rev 2; 11/06
MAX6029 MAXIM-MAX6029 Datasheet
564Kb / 15P
   Ultra-Low-Power Precision Series Voltage Reference
Rev 0; 7/03
MAX6029 MAXIM-MAX6029_V01 Datasheet
448Kb / 15P
   Ultra-Low-Power Precision Series Voltage Reference
2009
logo
Texas Instruments
REF35 TI-REF35_V02 Datasheet
1Mb / 35P
[Old version datasheet]   REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI1-REF35_V05 Datasheet
2Mb / 38P
[Old version datasheet]   REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI-REF35_V04 Datasheet
2Mb / 38P
[Old version datasheet]   REF35 Ultra Low-Power, High-Precision Voltage Reference
AUGUST 2022
REF35 TI1-REF35_V03 Datasheet
1Mb / 35P
[Old version datasheet]   REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com