Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5496ETE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5496ETE
Description  10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5496ETE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5496ETE Datasheet HTML 1Page - Maxim Integrated Products MAX5496ETE Datasheet HTML 2Page - Maxim Integrated Products MAX5496ETE Datasheet HTML 3Page - Maxim Integrated Products MAX5496ETE Datasheet HTML 4Page - Maxim Integrated Products MAX5496ETE Datasheet HTML 5Page - Maxim Integrated Products MAX5496ETE Datasheet HTML 6Page - Maxim Integrated Products MAX5496ETE Datasheet HTML 7Page - Maxim Integrated Products MAX5496ETE Datasheet HTML 8Page - Maxim Integrated Products MAX5496ETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
10-Bit, Dual, Nonvolatile, Linear-Taper
Digital Potentiometers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V, VSS = GND = 0, VH_ = VDD, VL_ = 0, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
VDD = +5.0V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX5494/MAX5498; VDD = 3V; wiper at
code 495; 10kHz, 1VRMS signal is applied
at H_; 10pF load at wiper
0.026
Total Harmonic Distortion
THD
MAX5495/MAX5499; VDD = 3V; wiper at
code 495; 10kHz, 1VRMS signal is applied
at H_; 10pF load at wiper
0.03
%
Analog Crosstalk
CH2 = 11111 11111, CH1 = 01111 01111,
CW_ = 10pF, VH1 = VDD = +2.5V,
VL1 = VSS = -2.5V, measure VW1 with
VW2 = 5VP-P at f = 1kHz
-93
dB
NONVOLATILE MEMORY RELIABILITY
Data Retention
TA = +85°C
50
Years
TA = +25°C
200,000
Endurance
TA = +85°C
50,000
Stores
POWER SUPPLIES
Single-Supply Voltage
VDD
VSS = GND = 0
2.70
5.25
V
VDD
GND = 0
2.50
5.25
Dual-Supply Voltage
VSS
(VDD - VSS)
≤ 5.25V
-2.5
-0.2
V
Average Programming Current
IPG
During nonvolatile write only;
digital inputs = VDD or GND
220
400
µA
Peak Programming Current
During nonvolatile write only;
digital inputs = VDD or GND
4mA
Standby Current
IDD
Digital inputs = VDD or GND, TA = +25°C
0.6
1.5
µA


Similar Part No. - MAX5496ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5496ETE MAXIM-MAX5496ETE Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
More results

Similar Description - MAX5496ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com