Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5488ETE+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5488ETE+
Description  Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5488ETE+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5488ETE+ Datasheet HTML 1Page - Maxim Integrated Products MAX5488ETE+ Datasheet HTML 2Page - Maxim Integrated Products MAX5488ETE+ Datasheet HTML 3Page - Maxim Integrated Products MAX5488ETE+ Datasheet HTML 4Page - Maxim Integrated Products MAX5488ETE+ Datasheet HTML 5Page - Maxim Integrated Products MAX5488ETE+ Datasheet HTML 6Page - Maxim Integrated Products MAX5488ETE+ Datasheet HTML 7Page - Maxim Integrated Products MAX5488ETE+ Datasheet HTML 8Page - Maxim Integrated Products MAX5488ETE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Dual, 256-Tap, Nonvolatile, SPI-Interface,
Linear-Taper Digital Potentiometers
4
_______________________________________________________________________________________
Note 1: All devices are production tested at TA = +85°C and are guaranteed by design and characterization for -40°C < TA < +85°C.
Note 2: DNL and INL are measured with the potentiometer configured as a voltage-divider with H_ = VDD and L_ = 0. The wiper terminal
is unloaded and measured with an ideal voltmeter.
Note 3: DNL and INL are measured with the potentiometer configured as a variable resistor. H_ is unconnected and L_ = 0. For VDD =
+5V, the wiper terminal is driven with a source current of 400µA for the 10k
Ω configuration, 80µA for the 50kΩ configuration,
and 40µA for the 100k
Ω configuration. For VDD = +3V, the wiper terminal is driven with a source current of 200µA for the 10kΩ
configuration, 40µA for the 50k
Ω configuration, and 20µA for the 100kΩ configuration.
Note 4: The wiper resistance is the worst value measured by injecting the currents given in Note 3 into W_ with L_ = GND. RW =
(VW - VH) / IW.
Note 5: The device draws higher supply current when the digital inputs are driven with voltages between (VDD - 0.5V) and (GND +
0.5V). See Supply Current vs. Digital Input Voltage in the
Typical Operating Characteristics section.
Note 6: Wiper at midscale with a 10pF load.
Note 7: Wiper-settling time is the worst-case 0-to-50% rise time, measured between tap 0 and tap 127. H_ = VDD, L_ = GND, and
the wiper terminal is unloaded and measured with a 10pF oscilloscope probe (see Tap-to-Tap Switching Transient in the
Typical Operating Characteristics section).
Note 8: Digital timing is guaranteed by design and characterization, and is not production tested.
DC ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V, VH = VDD, VL = GND, TA = -40
°C to +85°C, unless otherwise noted. Typical values are at VDD = +5.0V,
TA = +25
°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Power-Supply Voltage
VDD
2.70
5.25
V
Supply Current
IDD
During write cycle only, digital inputs =
VDD or GND
400
µA
Standby Current
Digital inputs = VDD or GND, TA = +25°C
0.5
1
µA
H
L
W
VOLTAGE-DIVIDER
CONFIGURATION
VARIABLE-RESISTOR
CONFIGURATION
H
L
Figure 1. Voltage-Divider/Variable-Resistor Configurations


Similar Part No. - MAX5488ETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5488ETE MAXIM-MAX5488ETE Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
More results

Similar Description - MAX5488ETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com