Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5487EUD+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5487EUD+
Description  Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5487EUD+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5487EUD+ Datasheet HTML 3Page - Maxim Integrated Products MAX5487EUD+ Datasheet HTML 4Page - Maxim Integrated Products MAX5487EUD+ Datasheet HTML 5Page - Maxim Integrated Products MAX5487EUD+ Datasheet HTML 6Page - Maxim Integrated Products MAX5487EUD+ Datasheet HTML 7Page - Maxim Integrated Products MAX5487EUD+ Datasheet HTML 8Page - Maxim Integrated Products MAX5487EUD+ Datasheet HTML 9Page - Maxim Integrated Products MAX5487EUD+ Datasheet HTML 10Page - Maxim Integrated Products MAX5487EUD+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Dual, 256-Tap, Nonvolatile, SPI-Interface,
Linear-Taper Digital Potentiometers
_______________________________________________________________________________________
7
VARIABLE-RESISTOR DNL
vs. TAP POSITION (MAX5489)
TAP POSITION
224
192
32
64
96
128 160
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
-0.20
0256
VOLTAGE-DIVIDER INL
vs. TAP POSITION (MAX5489)
TAP POSITION
224
192
32
64
96
128 160
-0.6
-0.8
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0256
VARIABLE-RESISTOR INL
vs. TAP POSITION (MAX5489)
TAP POSITION
224
192
32
64
96
128 160
-0.6
-0.8
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
256
VOLTAGE-DIVIDER DNL
vs. TAP POSITION (MAX5489)
TAP POSITION
224
192
32
64
96
128 160
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
-0.20
0256
-0.010
-0.004
-0.006
-0.008
-0.002
0
0.002
0.004
0.006
0.008
0.010
-40
10
-15
356085
END-TO-END RESISTANCE CHANGE
vs. TEMPERATURE (MAX5487)
TEMPERATURE (
°C)
-100
-80
-90
-60
-70
-40
-50
-30
CROSSTALK
vs. FREQUENCY
FREQUENCY (kHz)
0.1
1
10
100
1000
MAX5487
MAX5488
MAX5489
CW_ = 10pF
-0.010
-0.004
-0.006
-0.008
-0.002
0
0.002
0.004
0.006
0.008
0.010
-40
10
-15
35
60
85
END-TO-END RESISTANCE CHANGE
vs. TEMPERATURE (MAX5488)
TEMPERATURE (
°C)
-0.010
-0.004
-0.006
-0.008
-0.002
0
0.002
0.004
0.006
0.008
0.010
-40
10
-15
35
60
85
END-TO-END RESISTANCE CHANGE
vs. TEMPERATURE (MAX5489)
TEMPERATURE (
°C)
Typical Operating Characteristics (continued)
(VDD = +5.0V, TA = +25
°C, unless otherwise noted.)


Similar Part No. - MAX5487EUD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5487ETE MAXIM-MAX5487ETE Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
More results

Similar Description - MAX5487EUD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com