Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5499 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5499
Description  10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5499 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5499 Datasheet HTML 1Page - Maxim Integrated Products MAX5499 Datasheet HTML 2Page - Maxim Integrated Products MAX5499 Datasheet HTML 3Page - Maxim Integrated Products MAX5499 Datasheet HTML 4Page - Maxim Integrated Products MAX5499 Datasheet HTML 5Page - Maxim Integrated Products MAX5499 Datasheet HTML 6Page - Maxim Integrated Products MAX5499 Datasheet HTML 7Page - Maxim Integrated Products MAX5499 Datasheet HTML 8Page - Maxim Integrated Products MAX5499 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
10-Bit, Dual, Nonvolatile, Linear-Taper
Digital Potentiometers
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS
(VDD = +2.7V to +5.25V, VSS = GND = 0, VH_ = VDD, VL_ = 0, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
VDD = +5.0V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SECTION
MAX5494/MAX5498
5
Wiper Settling Time (Note 6)
tS
MAX5495/MAX5499
22
µs
SPI-COMPATIBLE SERIAL INTERFACE (Figure 6)
SCLK Frequency
fSCLK
7
MHz
SCLK Clock Period
tCP
140
ns
SCLK Pulse-Width High
tCH
60
ns
SCLK Pulse-Width Low
tCL
60
ns
CS Fall to SCLK Rise Setup
tCSS
60
ns
SCLK Rise to CS Rise Hold
tCSH
0ns
DIN to SCLK Setup
tDS
40
ns
DIN Hold After SCLK
tDH
0ns
SCLK Rise to CS Fall Delay
tCS0
15
ns
CS Rise to SCLK Rise Hold
tCS1
60
ns
CS Pulse-Width High
tCSW
150
ns
Write NV Register Busy Time
tBUSY
12
ms
Note 1: 100% production tested at TA = +25°C and TA = +85°C. Guaranteed by design to TA = -40°C.
Note 2: The DNL and INL are measured for the voltage-divider with H_ = VDD and L_ = VSS. The wiper terminal (W_) is unloaded
and measured with a high-input-impedance voltmeter.
Note 3: The DNL and INL are measured with L_ = VSS = 0. For VDD = 5V, the wiper terminal is driven with a current source of IW =
80µA for the 50kΩ device and IW = 400µA for the 10kΩ device. For VDD = 3V, the wiper terminal is driven with a current
source of IW = 40µA for the 50kΩ device and IW = 200µA for the 10kΩ device.
Note 4: The wiper resistance is measured using the source currents given in Note 3.
Note 5: The device draws higher supply current when the digital inputs are driven with voltages between (VDD - 0.5V) and (GND +
0.5V). See the Supply Current vs. Digital Input Voltage graph in the
Typical Operating Characteristics.
Note 6: Wiper settling test condition uses the voltage-divider with a 10pF load on W_. Transition code from 0 to 495 and measure
the time from CS going high to the wiper voltage settling to within 0.5% of its final value.


Similar Part No. - MAX5499

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5499 MAXIM-MAX5499 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
MAX5499 MAXIM-MAX5499 Datasheet
313Kb / 13P
   Evaluation Kit
Rev 1; 12/08
MAX5499ETE MAXIM-MAX5499ETE Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
More results

Similar Description - MAX5499

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com