Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5489 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5489
Description  Evaluation Kit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5489 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5489 Datasheet HTML 1Page - Maxim Integrated Products MAX5489 Datasheet HTML 2Page - Maxim Integrated Products MAX5489 Datasheet HTML 3Page - Maxim Integrated Products MAX5489 Datasheet HTML 4Page - Maxim Integrated Products MAX5489 Datasheet HTML 5Page - Maxim Integrated Products MAX5489 Datasheet HTML 6Page - Maxim Integrated Products MAX5489 Datasheet HTML 7Page - Maxim Integrated Products MAX5489 Datasheet HTML 8Page - Maxim Integrated Products MAX5489 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MAX5488 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
19-0952; Rev 0; 8/07
General Description
The MAX5488 evaluation kit (EV kit) is an assembled
and tested printed-circuit board (PCB) that demon-
strates the functionality of the MAX5488 dual, 256-tap,
nonvolatile, SPI-interface, linear-taper digital poten-
tiometer. Windows® 98SE/2000/XP-compatible software
provides a handy user interface to exercise the features
of the MAX5488.
The tiny 16-pin, 3mm x 3mm, thin QFN-packaged
device is socketed, allowing for easy evaluation of the
MAX5487 (10kΩ end-to-end resistance), MAX5488
(50kΩ end-to-end resistance), or MAX5489 (100kΩ
end-to-end resistance) ICs. To evaluate the MAX5487
or the MAX5489, request a free sample (ETE suffix)
along with the MAX5488 EV kit.
Features
♦ Power-On Recall of Wiper Position from
Nonvolatile Memory
♦ 2.7V to 5.25V Single-Supply Operation
♦ SPI-Compatible Serial Interface
♦ Convenient GUI Software
♦ Labeled Test Points for H_, W_, and L_
♦ Assembled and Tested USB-Compatible PCB
Layout
♦ Socketed 16-Pin Thin QFN-EP (3mm x 3mm)
♦ Evaluates MAX5487/MAX5488/MAX5489
Component List
Ordering Information
PART
TYPE
PC INTERFACE
MAX5488EVKIT#
EV kit
USB
DESIGNATION
QTY
DESCRIPTION
C1, C5–C9,
C17, C18, C37
9
0.1µF ±10%, 16V X7R ceramic
capacitors (0603)
TDK C1608X7R1C104K
Taiyo Yuden EMK107BJ104KA
Murata GRM188R71C104K
C2
0
Not installed, capacitor (1206)
C4
1
0.033µF ±10%, 16V (min) X5R
ceramic capacitor (0603)
Taiyo Yuden EMK107BJ333KA
Murata GRM188R71E333K
TDK C1608X7R1E333K
C15, C16
2
10pF ±5%, 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H100J
TDK C1608C0G1H100J
Taiyo Yuden UMK107CG100DZ
C30, C31
2
22pF ±5%, 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H220J
TDK C1608C0G1H220J
Taiyo Yuden UMK107CG220KZ
C38, C40
2
10µF ±20%, 16V X5R ceramic
capacitors (1206)
Murata GRM31CR61C106M
TDK C3216X5R1C106M
Panasonic ECJ3YB1C106M
KEMET C1206C106M4PAC
DESIGNATION
QTY
DESCRIPTION
C39
1
1µF ±10%, 16V X5R ceramic
capacitors (0603)
TDK C1608X5R1C105K
Murata GRM188R61C105K
AVX 0603YD105MAT
KEMET C0603C105K4PAC
D1
1
Red LED (0805)
Lumex Opto SML-LX0805SIC-TR
H1, H2
2
4-pin headers
J1
1
USB series B right-angle PC-mount
receptacle
Assmann Electric AU-Y1007-R
J2
0
Not installed, header
J3
0
Not installed, 2 x 5-pin JTAG header
JU1
1
3-pin header
L6
1
70
Ω, 4A ferrite bead (0603)
TDK MMZ1608R301A
Murata BLM18SG700 TN1
R1, R2
2
27
Ω ±5% resistors (0603)
R3
1
1.5k
Ω ±5% resistor (0603)
R4, R7
2
470
Ω ±5% resistors (0603)
R5
1
2.2k
Ω ±5% resistor (0603)
R6
1
10k
Ω ±5% resistor (0603)
R8, R26
2
0
Ω resistors (0603)
#
Denotes an RoHS-compliant EV kit.
Windows is a registered trademark of Microsoft Corp.


Similar Part No. - MAX5489

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5489 MAXIM-MAX5489 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5489 MAXIM-MAX5489 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5489ETE MAXIM-MAX5489ETE Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5489ETE MAXIM-MAX5489ETE Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5489ETE++ MAXIM-MAX5489ETE+ Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
More results

Similar Description - MAX5489

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com