Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5428 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5428
Description  One-Time Programmable, Linear-Taper Digital Potentiometers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5428 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5428 Datasheet HTML 1Page - Maxim Integrated Products MAX5428 Datasheet HTML 2Page - Maxim Integrated Products MAX5428 Datasheet HTML 3Page - Maxim Integrated Products MAX5428 Datasheet HTML 4Page - Maxim Integrated Products MAX5428 Datasheet HTML 5Page - Maxim Integrated Products MAX5428 Datasheet HTML 6Page - Maxim Integrated Products MAX5428 Datasheet HTML 7Page - Maxim Integrated Products MAX5428 Datasheet HTML 8Page - Maxim Integrated Products MAX5428 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
One-Time Programmable, Linear-Taper
Digital Potentiometers
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = 5.0V, TA = +25°C, unless otherwise noted.)
WIPER RESISTANCE vs. WIPER VOLTAGE
WIPER VOLTAGE (V)
4
3
2
1
100
120
140
160
80
05
VDD = 3.3V
VDD = 5.0V
END-TO-END RESISTANCE PERCENT
CHANGE vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-0.2
-0.1
0
0.1
0.2
0.3
-0.3
-40
85
MAX5429
MAX5428
MAX5427
W-TO-L RESISTANCE
vs. TAP POSITION
TAP POSITION
25
20
15
10
5
10
20
30
40
50
60
70
80
90
100
0
030
MAX5427
MAX5428
MAX5429
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.05
0.10
0.15
0.20
0.25
0.30
0
-40
85
VDD = 5.0V
VDD = 3.3V
R-DNL ERROR vs. INPUT CODE
(MAX5427)
INPUT CODE (DECIMAL)
25
20
510
15
-0.015
-0.010
-0.005
0
0.005
0.010
0.015
0.020
-0.020
030
R-INL ERROR vs. INPUT CODE
(MAX5427)
INPUT CODE (DECIMAL)
25
20
15
10
5
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.10
-0.10
030
R-DNL ERROR vs. INPUT CODE
(MAX5428)
INPUT CODE (DECIMAL)
25
20
510
15
-0.015
-0.010
-0.005
0
0.005
0.010
0.015
0.020
-0.020
030
TAP-TO-TAP SWITCHING TRANSIENT
100ns/div
OUTPUT
W
100mV/div
U/D
2V/div
CL = 10pF
WIPER TRANSIENT AT POWER-ON
2
µs/div
OUTPUT
W
1V/div
VDD
2V/div


Similar Part No. - MAX5428

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5428 MAXIM-MAX5428 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
MAX5428ETA MAXIM-MAX5428ETA Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
MAX5428EUA MAXIM-MAX5428EUA Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
More results

Similar Description - MAX5428

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401 Datasheet
96Kb / 17P
   Four linear-taper digitally programmable potentiometers
logo
Maxim Integrated Produc...
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
logo
Analog Devices
AD5173BRMZ2.5 AD-AD5173BRMZ2.5 Datasheet
864Kb / 24P
   256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
logo
Maxim Integrated Produc...
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com