Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5423 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5423
Description  Evaluation Kit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5423 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5423 Datasheet HTML 3Page - Maxim Integrated Products MAX5423 Datasheet HTML 4Page - Maxim Integrated Products MAX5423 Datasheet HTML 5Page - Maxim Integrated Products MAX5423 Datasheet HTML 6Page - Maxim Integrated Products MAX5423 Datasheet HTML 7Page - Maxim Integrated Products MAX5423 Datasheet HTML 8Page - Maxim Integrated Products MAX5423 Datasheet HTML 9Page - Maxim Integrated Products MAX5423 Datasheet HTML 10Page - Maxim Integrated Products MAX5423 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
General Troubleshooting
Problem: Software reports it cannot find the inter-
face circuit.
Is the interface circuit power LED lit?
Is the USB cable connected?
Has Windows plug-and-play detected the board?
Bring up Control Panel->System->Device
Manager, and look at what device nodes are indi-
cated for USB. If there is an Unknown device node
attached to the USB, delete it—this forces plug-
and-play to try again.
Are jumper JU1 and headers J1 and J2 properly
configured for USB operation? See Tables 2 and 3.
Detailed Description of Hardware
The MAX5422 EV kit is an assembled and tested PCB
that evaluates the MAX5422 256-tap, nonvolatile, linear
digital potentiometer. The MAX5422 has an end-to-end
resistance of 50kΩ and the wiper can be programmed
to one of 256 tap positions. The MAX5422 features an
internal, nonvolatile memory (EEPROM) used to store
the wiper position for initialization during power-up. The
MAX5422 EV kit provides an on-board SPI-compatible
serial interface to program the MAX5422.
The EV kit uses a MAX5422 IC in an 8-pin TDFN pack-
age on a proven two-layer PCB design. The MAX5422
EV kit provides two options to power the MAX5422 IC. It
can operate from the 3.3V supply generated from the
USB interface circuit, or from a user-supplied 2.7V to
5.25V external DC power supply. The logic level trans-
lators (U7, U8) provide proper SPI-interface operation
when using a 2.7V to 5.25V external power supply.
MAX5422 Evaluation Kit
_______________________________________________________________________________________
7
Figure 3. Simple Low-Level 3-Wire Interface


Similar Part No. - MAX5423

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5423ETA MAXIM-MAX5423ETA Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
More results

Similar Description - MAX5423

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com