Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ2TZ15 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ2TZ15
Description  2.5V Output, Surface Mount Type Low Power-Loss Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ2TZ15 Datasheet(HTML) 1 Page - Sharp Corporation

  PQ2TZ15 Datasheet HTML 1Page - Sharp Corporation PQ2TZ15 Datasheet HTML 2Page - Sharp Corporation PQ2TZ15 Datasheet HTML 3Page - Sharp Corporation PQ2TZ15 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
“ In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
Low Power-Loss Voltage Regulators
PQ2TZ55/PQ2TZ15
s Outline Dimensions
PQ2TZ55/PQ2TZ15
(Unit : mm)
Parameter
Symbol
Rating
Unit
VIN
VC
IO
PD
Tj
Topr
Tstg
Tsol
10
10
0.5
1
8
150
-20 to + 80
-40 to +150
260(For 10s)
V
V
A
W
˚C
˚C
˚C
˚C
Input voltage
ON/OFF control terminal voltage
Output current
Power dissipation
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
*1
*1
*2
*3
*1 All are open except GND and applicable terminals.
*2 PD:With infinite heat sink.
*3 Overheat protection may operate at 125=<Tj=<150˚C
s Absolute Maximum Ratings
PQ2TZ55
PQ2TZ15
(Ta=25˚C)
2.5V Output, Surface Mount Type Low Power-Loss Voltage Regulators
s Features
¡Low power-loss (Dropout voltage : MAX 0.5V)
¡Surface mount type package (Equivalent to EIAJ SC-63)
¡Output voltage : 2.5V
¡Minimum input voltage : 3.0V
¡Output current : (0.5A : PQ2TZ55)
(1.0A : PQ2TZ15)
¡Output voltage precision : ±2.5%
¡Built-in ON/OFF control function
¡Low dissipation current at OFF-state (Iqs : MAX.5µA)
¡Tape packaged type is also available.
(
φ330mm reel : 3 000pcs., PQ2TZ55U/PQ2TZ15U)
s Applications
¡Personal computers
¡Personal information tools(PDA)
¡Various OA equipment
· Please refer to the chapter“ Handling Precautions ”.
2TZ55
3
5
1
2
6.6MAX
5.2±0.5
2.3±0.5
(0.5)
(0.5)
3
0.5
+0.2
-0.1
4-(1.27)
13
24 5
(0to0.25)
1 DC input (VIN)
2 ON/OFF control
terminal (VC)
3 DC output (VO)
4 NC
5 GND
Heat sink is common to 3 (VO).
Specific IC
Internal connection diagram


Similar Part No. - PQ2TZ15

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
PQ20 YUXIANG-PQ20 Datasheet
103Kb / 3P
   PQ CORES
logo
Ferroxcube Internationa...
PQ20 FERROXCUBE-PQ20 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ20-3C81 FERROXCUBE-PQ20-3C81 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ20-3C81-A160 FERROXCUBE-PQ20-3C81-A160 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ20-3C81-A250 FERROXCUBE-PQ20-3C81-A250 Datasheet
65Kb / 6P
   PQ cores and accessories
More results

Similar Description - PQ2TZ15

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ5TS1 SHARP-PQ5TS1 Datasheet
21Kb / 2P
   0.15A Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ05VY3H3Z SHARP-PQ05VY3H3Z_01 Datasheet
68Kb / 7P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
   Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ3TZ50 SHARP-PQ3TZ50 Datasheet
39Kb / 5P
   3.0V/3.3V Output Surface Mount Type Low Power-Loss Voltage Regulators
PQ1XXX1M2ZPH SHARP-PQ1XXX1M2ZPH Datasheet
161Kb / 4P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1R33J0000H SHARP-PQ1R33J0000H Datasheet
79Kb / 6P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com