Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z3SMC43 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # Z3SMC43
Description  Surface Mount Silicon-Zener Diodes (non-planar technology)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

Z3SMC43 Datasheet(HTML) 2 Page - Diotec Semiconductor

  Z3SMC43 Datasheet HTML 1Page - Diotec Semiconductor Z3SMC43 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Z3SMC1 ... Z3SMC200 (3 W)
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage 2)
Zener-Spannung 2)
IZ = IZtest
Test current
Meßstrom
Dynamic resistance
Diff. Widerstand
IZtest / f = 1 kHz
Temp. Coeffic.
of Z-voltage
…der Z-Spannung
Reverse volt.
Sperrspanng.
IR = 1 μA
Z-current 1)
Z-Strom 1)
TA = 50°C
Vzmin [V]
Vzmax [V]
IZtest [mA]
rzj [Ω]
αVZ [10-4 / °C]
VR [V]
IZmax [mA]
Z3SMC1 3)
0.71
0.82
100
0.5 (<1)
–26…–16
2000
Z3SMC6.2
5.8
6.6
100
1 (<2)
–1…+6
> 1.5
455
Z3SMC6.8
6.4
7.2
100
1 (<2)
0…+7
> 2
417
Z3SMC7.5
7.0
7.9
100
1 (<2)
0…+7
> 2
380
Z3SMC8.2
7.7
8.7
100
1 (<2)
+3…+8
> 3.5
345
Z3SMC9.1
8.5
9.6
50
2 (<4)
+3…+8
> 3.5
313
Z3SMC10
9.4
10.6
50
2 (<4)
+5…+9
> 5
283
Z3SMC11
10.4
11.6
50
4 (<7)
+5…+10
> 5
259
Z3SMC12
11.4
12.7
50
4 (<7)
+5…+10
> 7
236
Z3SMC13
12.4
14.1
50
5 (<10)
+5…+10
> 7
213
Z3SMC15
13.8
15.6
50
5 (<10)
+5…+10
> 10
192
Z3SMC16
15.3
17.1
25
6 (<15)
+6…+11
> 10
175
Z3SMC18
16.8
19.1
25
6 (<15)
+6…+11
> 10
157
Z3SMC20
18.8
21.2
25
6 (<15)
+6…+11
> 10
142
Z3SMC22
20.8
23.3
25
6 (<15)
+6…+11
> 12
129
Z3SMC24
22.8
25.6
25
7 (<15)
+6…+11
> 12
117
Z3SMC27
25.1
28.9
25
7 (<15)
+6…+11
> 14
104
Z3SMC30
28
32
25
8 (<15)
+6…+11
> 14
94
Z3SMC33
31
35
25
8 (<15)
+6…+11
> 17
86
Z3SMC36
34
38
10
16 (<40)
+6…+11
> 17
79
Z3SMC39
37
41
10
20 (<40)
+6…+11
> 20
73
Z3SMC43
40
46
10
24 (<45)
+7…+12
> 20
65
Z3SMC47
44
50
10
24 (<45)
+7…+12
> 24
60
Z3SMC51
48
54
10
25 (<60)
+7…+12
> 24
56
Z3SMC56
52
60
10
25 (<60)
+7…+12
> 28
50
Z3SMC62
58
66
10
25 (<80)
+8…+13
> 28
45
Z3SMC68
64
72
10
25 (<80)
+8…+13
> 34
42
Z3SMC75
70
79
10
30 (<100)
+8…+13
> 34
38
Z3SMC82
77
88
10
30 (<100)
+8…+13
> 41
34
Z3SMC91
85
96
5
40 (<150)
+9…+13
> 41
31
Z3SMC100
94
106
5
60 (<150)
+9…+13
> 50
28
Z3SMC110
104
116
5
80 (<200)
+9…+13
> 50
26
Z3SMC120
114
127
5
80 (<200)
+9…+13
> 60
24
Z3SMC130
124
141
5
90 (<250)
+9…+13
> 60
21
Z3SMC150
138
156
5
100 (<250)
+9…+13
> 75
19
Z3SMC160
153
171
5
110 (<300)
+9…+13
> 75
18
Z3SMC180
168
191
5
120 (<350)
+9…+13
> 90
16
Z3SMC200
188
212
5
150 (<350)
+9…+13
> 90
14
1
Notes see previous page – Fußnoten siehe vorhergehende Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - Z3SMC43

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
Z3SMC43 DIOTEC-Z3SMC43 Datasheet
121Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
logo
Semikron International
Z3SMC43 SEMIKRON-Z3SMC43 Datasheet
46Kb / 1P
   Zener silicon diodes
logo
Diotec Semiconductor
Z3SMC43 DIOTEC-Z3SMC43 Datasheet
99Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Semikron International
Z3SMC43 SEMIKRON-Z3SMC43 Datasheet
50Kb / 1P
   Zener silicon diodes
Z3SMC43 SEMIKRON-Z3SMC43 Datasheet
57Kb / 3P
   Zener silicon diodes
More results

Similar Description - Z3SMC43

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SZ3C1 DIOTEC-SZ3C1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z1SMA1 DIOTEC-Z1SMA1 Datasheet
215Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z2SMB1 DIOTEC-Z2SMB1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z3SMC1 DIOTEC-Z3SMC1 Datasheet
121Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SMZ1 DIOTEC-SMZ1_07 Datasheet
106Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
SZ3C1 DIOTEC-SZ3C1_07 Datasheet
100Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
SZ3C1 DIOTEC-SZ3C1_10 Datasheet
101Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
ZMY1 DIOTEC-ZMY1 Datasheet
57Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
ZMD1 DIOTEC-ZMD1 Datasheet
116Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SZ3C10B DIOTEC-SZ3C10B Datasheet
99Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
ZMD10B DIOTEC-ZMD10B Datasheet
93Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com