Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4743EKA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4743EKA
Description  0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4743EKA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4743EKA Datasheet HTML 4Page - Maxim Integrated Products MAX4743EKA Datasheet HTML 5Page - Maxim Integrated Products MAX4743EKA Datasheet HTML 6Page - Maxim Integrated Products MAX4743EKA Datasheet HTML 7Page - Maxim Integrated Products MAX4743EKA Datasheet HTML 8Page - Maxim Integrated Products MAX4743EKA Datasheet HTML 9Page - Maxim Integrated Products MAX4743EKA Datasheet HTML 10Page - Maxim Integrated Products MAX4743EKA Datasheet HTML 11Page - Maxim Integrated Products MAX4743EKA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
0.8
, Low-Voltage, Single-Supply Dual SPST
Analog Switches
10
______________________________________________________________________________________
4
COM2
5
GND
3
NO2
6
IN2
1
2
V+
IN1
8
7
NO1
COM1
SOT23-8
MAX4741
4
COM2
5
GND
3
NC2
6
IN2
1
2
V+
IN1
8
7
NC1
COM1
SOT23-8
MAX4742
MAX4743
4
COM2
5
GND
3
NC2
6
IN2
1
2
V+
IN1
8
7
NO1
COM1
SOT23-8
TOP VIEW
4
GND
5
NO2
3
IN2
6
COM2
1
2
COM1
NO1
8
7
V+
IN1
µDFN
(2mm x 2mm)
MAX4741
Pin Configurations (continued)
Chip Information
TRANSISTOR COUNT = 121
PROCESS = CMOS


Similar Part No. - MAX4743EKA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4743EKA MAXIM-MAX4743EKA Datasheet
299Kb / 12P
   0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
More results

Similar Description - MAX4743EKA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4741 MAXIM-MAX4741 Datasheet
299Kb / 12P
   0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com